Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB798 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB798
Description  POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB798 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB798_11 Datasheet HTML 1Page - Unisonic Technologies 2SB798_11 Datasheet HTML 2Page - Unisonic Technologies 2SB798_11 Datasheet HTML 3Page - Unisonic Technologies 2SB798_11 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB798
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R208-020.B
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-30
V
Collector-Emitter Voltage
VCEO
-25
V
Emitter-Base Voltage
VEBO
-5.0
V
DC
-1.0
A
Collector Current
Pulse(Note 1)
IC
-1.5
A
Collector Dissipation (Note 2)
PC
2
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
1. PW≦10ms,Duty Cycle≦50%
2. When mounted on a ceramic substrate of 16cm
2×0.7 mm.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cut-Off Current
ICBO
VCB= -30V , IE= 0
-100
nA
Emitter Cut-Off Current
IEBO
VEB= -5.0V, IC= 0
-100
nA
DC Current Gain
hFE1
VCE= -1.0V, IC= -100mA
90
200
400
DC Current Gain
hFE2
VCE= -1.0V, IC= -1.0A
50
100
Base to Emitter Voltage
VBE
VCE= -6.0V, IC= -10mA
-600
-640
-700
mV
Collector-Emitter Saturation
Voltage
VCE(sat)
IC= -1.0A, IB= -0.10A
-0.25
-0.40
V
Base-Emitter Saturation Voltage
VBE(sat)
IC= -1.0A, IB= -0.10A
-1.0
-1.2
V
Gain Bandwidth Product
fT
VCE= -6.0V, IE= 10mA
110
MHz
Output Capacitance
Cob
VCB= -6.0V, IE= 0, f=1MHz
36
pF
Note: 3. PW≦350μs, Duty Cycle≦2%
CLASSIFICATION OF hFE1
MARKING
DM
DL
DK
hFE1
90-180
135-270
200-400


Similar Part No. - 2SB798_11

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SB798 KEXIN-2SB798_15 Datasheet
1Mb / 3P
   PNP Transistors
logo
Unisonic Technologies
2SB798 UTC-2SB798_15 Datasheet
212Kb / 4P
   POWER TRANSISTOR
More results

Similar Description - 2SB798_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
logo
Rohm
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
   Power Transistor
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
   Power transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
   Power Transistor
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
   Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
   Power Transistor
logo
New Jersey Semi-Conduct...
2N174 NJSEMI-2N174 Datasheet
157Kb / 1P
   POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com