Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1116 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB1116
Description  PNP EPITAXIAL SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB1116 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB1116_08 Datasheet HTML 1Page - Unisonic Technologies 2SB1116_08 Datasheet HTML 2Page - Unisonic Technologies 2SB1116_08 Datasheet HTML 3Page - Unisonic Technologies 2SB1116_08 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB1116/A
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R201-066.B
ABSOLUTE MAXIMUM RATINGS (Ta=25℃,unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
2SB1116
-60
Collector to Base Voltage
2SB1116A
VCBO
-80
V
2SB1116
-50
Collector to Emitter Voltage
2SB1116A
VCEO
-60
V
Emitter to Base Voltage
VEBO
-6
V
DC
IC
-1
A
Collector Current
Pulse(Note2)
ICM
-2
A
Total Power Dissipation
PC
0.75
mW
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-20 ~ +85
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width≦10ms, Duty cycle≦50%
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Emitter Saturation Voltage(Note) VCE(SAT) IC=-1A, IB=-50mA
-0.2
V
Base-Emitter Saturation Voltage(Note)
VBE(SAT)
IC=-1A, IB=-50mA
-0.9
-1.2
V
Base Emitter On Voltage(Note)
VBE(ON)
VCE=-2V, IC=-50mA
-600
-650
-700
mV
Collector Cut-Off Current
ICBO
VCB=-60V, IE=0
-100
nA
Emitter Cut-Off Current
IEBO
VEB=-6V, IC=0
-100
nA
2SB1116
135
600
hFE1
VCE=-2V,
IC=-100mA
2SB1116A
135
400
DC Current Gain(Note)
hFE2
VCE=-2V, IC=-1A
81
Transition Frequency
fT
VCE=-2V, IC=-100mA
70
120
MHz
Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
25
pF
Turn On Time
tON
VCC=-10V, IC=-100mA
IB1=-IB2=-10mA, VBE(OFF)=2 ~ 3V
0.07
μs
Storage Time
tSTG
0.7
μs
Fall Time
tF
0.07
μs
Note: Pulse Test: Pulse width≦350μs, Duty cycle 2%
CLASSIFICATION OF hFE1
RANK
Y
G
L
hFE1
135 ~ 270
200 ~ 400
300 ~ 600


Similar Part No. - 2SB1116_08

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SB1116-K SECOS-2SB1116-K Datasheet
75Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
Micro Commercial Compon...
2SB1116-K MCC-2SB1116-K Datasheet
618Kb / 3P
   PNP Silicon Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SB1116-L SECOS-2SB1116-L Datasheet
75Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
Micro Commercial Compon...
2SB1116-L MCC-2SB1116-L Datasheet
618Kb / 3P
   PNP Silicon Plastic-Encapsulate Transistor
logo
Nanjing International G...
2SB1116-TA DGNJDZ-2SB1116-TA Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - 2SB1116_08

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com