Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2S5R00F Datasheet(PDF) 9 Page - Sharp Corporation

Part # S2S5R00F
Description  Cost effective Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S2S5R00F Datasheet(HTML) 9 Page - Sharp Corporation

Back Button S2S5R00F Datasheet HTML 5Page - Sharp Corporation S2S5R00F Datasheet HTML 6Page - Sharp Corporation S2S5R00F Datasheet HTML 7Page - Sharp Corporation S2S5R00F Datasheet HTML 8Page - Sharp Corporation S2S5R00F Datasheet HTML 9Page - Sharp Corporation S2S5R00F Datasheet HTML 10Page - Sharp Corporation S2S5R00F Datasheet HTML 11Page - Sharp Corporation S2S5R00F Datasheet HTML 12Page - Sharp Corporation S2S5R00F Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
S2S5 Series
Sheet No.: D2-A06701EN
✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes.
● Standard Circuit (Medium/High Power Triac Drive Circuit)
Triac
Load
S2S5
Note) Please add the snubber circuit according to a condition.
Any snubber or varistor used for the above mentioned scenarios should be located
as close to the main output triac as possible.
4
3
1
2
AC Line


Similar Part No. - S2S5R00F

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S2S LITTELFUSE-S2S Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
S2S ETC2-S2S Datasheet
205Kb / 12P
   RoHS Compliant
S2S ETC2-S2S Datasheet
205Kb / 12P
   RoHS Compliant
S2S0518A4 ETC2-S2S0518A4 Datasheet
116Kb / 1P
   SPDT PIN DIODE SWITCHES
S2S0518A5 ETC2-S2S0518A5 Datasheet
116Kb / 1P
   SPDT PIN DIODE SWITCHES
More results

Similar Description - S2S5R00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SG11YIZ SHARP-PC3SG11YIZ Datasheet
221Kb / 13P
   Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
S2S3 SHARP-S2S3_04 Datasheet
277Kb / 16P
   Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PC3SG11YIZ0F SHARP-PC3SG11YIZ0F Datasheet
221Kb / 13P
   Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
S2S4 SHARP-S2S4 Datasheet
261Kb / 15P
   Zero cross type Mini-Flat Package Phototriac Coupler for triggering
PC3SD12NTZ SHARP-PC3SD12NTZ Datasheet
326Kb / 16P
   VDRM : 600V, Cost effective Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SD11NTZBF SHARP-PC4SD11NTZBF Datasheet
327Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC2SD11NTZAF SHARP-PC2SD11NTZAF Datasheet
297Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD11YXPCF SHARP-PC3SD11YXPCF Datasheet
334Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF11YTZBF SHARP-PC3SF11YTZBF Datasheet
295Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD11NTZBF SHARP-PC3SD11NTZBF Datasheet
334Kb / 16P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com