Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3648L-X-AB3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 2SC3648L-X-AB3-R
Description  HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3648L-X-AB3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  2SC3648L-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SC3648L-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SC3648L-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SC3648L-X-AB3-R Datasheet HTML 4Page - Unisonic Technologies 2SC3648L-X-AB3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2SC3648
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R208-038,C
TYPICAL CHARACTERISTICS(Cont.)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 2SC3648L-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3648L-AB3-R UTC-2SC3648L-AB3-R Datasheet
171Kb / 4P
   HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
More results

Similar Description - 2SC3648L-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA1415 ONSEMI-2SA1415 Datasheet
96Kb / 5P
   High-Voltage Switching Predriver Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
2SA1415 SANYO-2SA1415 Datasheet
108Kb / 4P
   High-Voltage Switching, Predriver Applications
2SA1418 SANYO-2SA1418 Datasheet
113Kb / 4P
   High-Voltage Switching, Predriver Applications
logo
Unisonic Technologies
2SC4027 UTC-2SC4027_15 Datasheet
152Kb / 5P
   HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
2SC3648 UTC-2SC3648_15 Datasheet
243Kb / 5P
   HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
2SC3648 UTC-2SC3648 Datasheet
171Kb / 4P
   HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
logo
Sanyo Semicon Device
2SA1210 SANYO-2SA1210 Datasheet
274Kb / 7P
   HIGH VOLTAGE SWITCHING, AF 150W PREDRIVER APPLICATIONS
2SA1207 SANYO-2SA1207 Datasheet
108Kb / 4P
   High-Voltage Switching, AF 60W Predriver Applications
2SA1208 SANYO-2SA1208 Datasheet
107Kb / 4P
   High-Voltage Switching, Audio 80W Output Predriver Applications
2SA1209 SANYO-2SA1209 Datasheet
104Kb / 4P
   160V/140mA High-Voltage Switching AF 100W Predriver Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com