Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC1307-2R2M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PC1307-2R2M-RC
Description  Power Chip Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PC1307-2R2M-RC Datasheet(HTML) 1 Page - Allied Components International

  PC1307-2R2M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Inductors
PC1307
(MHz)
RoHS
Irms
(A)
Inductance
(uh)
Tolerance
(%)
Q
Ref
SRF
(MHz)
RDC
(mΩ)
Isat
(A)
Allied
Part
Number
QTest
Freq.
PC1307-1R5M-RC
PC1307-2R2M-RC
PC1307-2R7M-RC
PC1307-3R3M-RC
PC1307-4R7M-RC
PC1307-5R6M-RC
PC1307-6R8M-RC
PC1307-8R2M-RC
PC1307-100M-RC
PC1307-120M-RC
PC1307-150M-RC
PC1307-180M-RC
PC1307-220M-RC
PC1307-270M-RC
PC1307-330M-RC
PC1307-390M-RC
PC1307-470M-RC
PC1307-560M-RC
PC1307-680M-RC
PC1307-820M-RC
PC1307-101M-RC
PC1307-121M-RC
PC1307-151M-RC
PC1307-181M-RC
PC1307-221M-RC
PC1307-271M-RC
PC1307-331M-RC
PC1307-391M-RC
PC1307-471M-RC
PC1307-561M-RC
PC1307-681M-RC
PC1307-821M-RC
PC1307-102M-RC
1.5
2.2
2.7
3.3
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
271
330
391
470
560
680
820
1000
20
20
20
20
20
20
20
20
20
20
20
20
20
20
10,20
10,20
10,20
10,20
10,20
10,20
10,20
10,20
10,20
10,20
10,20
10,20
10,20
10,20
10,20
10,20
10,20
10,20
10,20
20
22
24
26
25
24
24
24
22
25
28
28
40
35
35
28
24
22
24
18
25
20
20
18
15
15
15
12
12
10
10
10
10
65
50
40
38
36
28
26
24
22
20
17
16
15
11
10
9.0
7.5
7.2
7.0
6.0
5.8
5.5
4.5
4.0
3.8
3.5
3.2
2.5
2.2
2.0
1.6
1.5
1.4
5.0
6.0
8.0
8.7
10
15
17
19
21
30
34
36
47
60
65
75
82
95
120
140
180
210
250
280
360
410
520
600
720
880
1000
1300
1600
20
18
16
15
13
11
10.5
9.8
9.2
8.0
7.5
7.0
6.5
5.5
5.0
4.6
4.2
3.8
3.5
3.2
3.0
2.8
2.6
2.3
2.1
1.8
1.6
1.5
1.4
1.3
1.2
1.1
1.0
9.5
9.0
8.2
7.5
7.0
6.5
6.0
5.8
5.6
4.8
4.5
4.2
3.6
3.3
3.1
2.9
2.7
2.5
2.3
2.1
1.9
1.8
1.6
1.5
1.3
1.2
1.2
1.0
0.9
.85
.80
.75
.65
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
.796
.796
.796
.796
.796
.796
.796
.796
.796
.796
.796
.796
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Dimensions:
Inches
(mm)
All specifications subject to change without notice.
Typ
MHz 0.1V
2.52
REVISED 11/1/10
.796
Typ
Typ
Max.
Features
• Unshielded SMD Power Inductor
• Suitable for large currents
• High Saturation Current
Electrical
Inductance Range: 1.5µh to 1000µh
Tolerance: 20% over entire range
Operating Temp: -40ºC ~ +125ºC
IDC: Current at which Inductance drops 10%
of original value with a
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC +/- 5ºC for 10 sec ± 1 sec.
Test Equipment
(L): HP4192A LF Impedence Analyzer
(RDC): Chen Hwa 502BC
(IDC): HP4284A with HP42841A or
Physical
Packaging: 300 pieces per 7 inch reel.
Marking: EIA Inductance Code.
∆ T= 40�C whichever
is lower.
Also available in tighter tolerances
Chen Hwa 1061 + 301A
• Ideal for DC-DC converter applications
Test Frequency: As noted
(SRF): HP4286A


Similar Part No. - PC1307-2R2M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PC1307-2R2M-RC ALLIED-PC1307-2R2M-RC Datasheet
409Kb / 1P
   Power Chip Inductors
More results

Similar Description - PC1307-2R2M-RC

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045AT KOA-LPC4045AT Datasheet
79Kb / 4P
   Power Chip Inductors
logo
Allied Components Inter...
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
   Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
   Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
   Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
   Power Chip Inductors
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
   Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
   Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
   Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
   Power Chip Inductors
PC0403 ALLIED-PC0403 Datasheet
380Kb / 1P
   Power Chip Inductors
PC0504 ALLIED-PC0504 Datasheet
490Kb / 1P
   Power Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com