Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4027 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC4027
Description  HIGH-VOLTAGE SWITCHING APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4027 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC4027 Datasheet HTML 1Page - Unisonic Technologies 2SC4027 Datasheet HTML 2Page - Unisonic Technologies 2SC4027 Datasheet HTML 3Page - Unisonic Technologies 2SC4027 Datasheet HTML 4Page - Unisonic Technologies 2SC4027 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC4027
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R209-018.B
ABSOLUTE MAXIMUM RATING (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
180
V
Collector to Emitter Voltage
VCEO
160
V
Emitter to Base Voltage
VEBO
6
V
Collector Current
IC
1.5
A
Collector Current (Pulse)
ICP
2.5
A
Ta=25°C
1
W
Collector Dissipation
TC=25°C
Pc
15
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=10A, IE=0
180
V
Collector-Emitter Breakdown Voltage
BVCEO
IC =1mA, RBE=∞
160
V
Emitter-Base Breakdown Voltage
BVEBO
IE=10μA, IC =0
6
V
Collector-Emitter Saturation Voltage
VCE(SAT) IC =500mA, IB=50mA
0.13 0.45
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC =500mA, IB=50mA
0.85
1.2
V
Collector Cutoff Current
ICBO
VCB=120V, IE=0
1.0
μA
Emitter Cutoff Current
IEBO
VEB=4V, I IC =0
1.0
μA
hFE1
VCE=5V, IC =100mA
100
400
DC Current Gain
hFE2
VCE=5V, IC =10mA
80
Gain-Bandwidth Product
fT
VCE=10V, IC =50mA
120
MHz
Output Capacitance
Cob
VCB=-10V, f=1MHz
12
pF
Turn-On Time
TON
See specified Test Circuit
60
μs
Storage Time
TSTG
1.2
μs
Fall Time
tF
80
μs
CLASSIFICATION OF hFE1
RANK
R
S
T
RANGE
100~200
140~280
200~400


Similar Part No. - 2SC4027

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4027 SANYO-2SC4027 Datasheet
129Kb / 4P
   High-Voltage Switching Applications
logo
Unisonic Technologies
2SC4027 UTC-2SC4027 Datasheet
135Kb / 4P
   HIGH-VOLTAGE SWITCHING APPLICATIONS
logo
Guangdong Kexin Industr...
2SC4027 KEXIN-2SC4027 Datasheet
46Kb / 2P
   NPN Epitaxial Planar Silicon Transistor
logo
Sanyo Semicon Device
2SC4027 SANYO-2SC4027 Datasheet
174Kb / 5P
   High-Voltage Switching Applications
logo
Unisonic Technologies
2SC4027 UTC-2SC4027 Datasheet
152Kb / 5P
   HIGH-VOLTAGE SWITCHING APPLICATIONS
More results

Similar Description - 2SC4027

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com