Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4672 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC4672
Description  LOW FREQUENCY TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4672 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC4672_10 Datasheet HTML 1Page - Unisonic Technologies 2SC4672_10 Datasheet HTML 2Page - Unisonic Technologies 2SC4672_10 Datasheet HTML 3Page - Unisonic Technologies 2SC4672_10 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC4672
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R208-004.D
ABSOLUATE MAXIUM RATINGS (Ta = 25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
6
V
Collector Current
IC
2
A
Collector Current (Pulse) (Note 1)
ICP
5
A
Collector Dissipation
PC
500
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: 1.Single pulse, PW=10ms
2.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC =50μA
60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC =1mA
50
V
Emitter-Base Breakdown Voltage
BVEBO
IE =50μA
6
V
Collector Cutoff Current
ICBO
VCB=60V
0.1
μA
Emitter Cutoff Current
IEBO
VEB=5V
0.1
μA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC /IB=1A/50mA (Note)
0.1
0.35
V
DC Current Transfer Ratio
hFE
VCE=2V, IC =0.5A (Note)
120
400
Transition Frequency
fT
VCE=2V, IE =-0.5A, f=100MHz
210
MHz
Output Capacitance
COB
VCB=10V, IE =0A,f=1MHz
25
pF
Note : Measured using pulse current.
CLASSIFICATION OF hFE
RANK
A
B
RANGE
120 ~ 240
200 ~ 400


Similar Part No. - 2SC4672_10

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4672T100P ROHM-2SC4672T100P Datasheet
74Kb / 3P
   Low Frequency Transistor (50V, 3A)
2SC4672T100Q ROHM-2SC4672T100Q Datasheet
74Kb / 3P
   Low Frequency Transistor (50V, 3A)
logo
SeCoS Halbleitertechnol...
2SC4672 SECOS-2SC4672_10 Datasheet
276Kb / 2P
   NPN Plastic-Encapsulate Transistor
More results

Similar Description - 2SC4672_10

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
2SB1197KXLT1 WILLAS-2SB1197KXLT1 Datasheet
316Kb / 3P
   Low Frequency Transistor
logo
Leshan Radio Company
L2SA2030M3T5G LRC-L2SA2030M3T5G Datasheet
107Kb / 3P
   Low frequency transistor
logo
Guangdong Kexin Industr...
2SD2150 KEXIN-2SD2150 Datasheet
35Kb / 1P
   Low Frequency Transistor
logo
Galaxy Semi-Conductor H...
2SA2018 BILIN-2SA2018_17 Datasheet
155Kb / 4P
   LOW FREQUENCY TRANSISTOR
logo
DONGGUAN YOU FENG WEI E...
2SB1197 YFWDIODE-2SB1197 Datasheet
325Kb / 2P
   Low Frequency Transistor
logo
Galaxy Semi-Conductor H...
2SC5585 BILIN-2SC5585 Datasheet
166Kb / 4P
   LOW FREQUENCY TRANSISTOR
2SA2018 BILIN-2SA2018 Datasheet
169Kb / 4P
   LOW FREQUENCY TRANSISTOR
logo
Rohm
2SA2018 ROHM-2SA2018_1 Datasheet
145Kb / 3P
   Low frequency transistor
logo
Guangdong Kexin Industr...
2SA2018 KEXIN-2SA2018 Datasheet
35Kb / 1P
   Low Frequency Transistor
logo
Rohm
UML1N ROHM-UML1N Datasheet
25Kb / 1P
   Low-frequency transistor
2SA2018 ROHM-2SA2018 Datasheet
80Kb / 3P
   Low frequency transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com