Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD965L-X-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SD965L-X-TN3-R
Description  LOW VOLTAGE HIGH CURRENT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD965L-X-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  2SD965L-X-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SD965L-X-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SD965L-X-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SD965L-X-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SD965/A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R209-007.C
TYPICAL CHARACTERISTICS
Safe Operation Area
Collector-Emitter Voltage, VCE (V)
Single pulse
Ta=25℃
t=10ms
t=1s
Icp
IC
0.01
0.1
1
10
100
0.1
1
10
100
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 2SD965L-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD965L-X-TN3-R UTC-2SD965L-X-TN3-R Datasheet
57Kb / 4P
   LOW VOLTAGE HIGH CURRENT TRANSISTOR
More results

Similar Description - 2SD965L-X-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
D965ASS UTC-D965ASS_15 Datasheet
215Kb / 4P
   LOW VOLTAGE HIGH CURRENT TRANSISTOR
2SD965A UTC-2SD965A_15 Datasheet
236Kb / 5P
   LOW VOLTAGE HIGH CURRENT TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SD965A BILIN-2SD965A Datasheet
162Kb / 3P
   LOW VOLTAGE HIGH CURRENT TRANSISTOR
2SD965 BILIN-2SD965 Datasheet
154Kb / 4P
   LOW VOLTAGE HIGH CURRENT TRANSISTOR
logo
Unisonic Technologies
2SD965 UTC-2SD965 Datasheet
57Kb / 4P
   LOW VOLTAGE HIGH CURRENT TRANSISTOR
2SD965B UTC-2SD965B Datasheet
101Kb / 3P
   LOW VOLTAGE HIGH CURRENT NPN TRANSISTOR
D965SS UTC-D965SS Datasheet
77Kb / 3P
   LOW VOLTAGE HIGH CURRENT NPN TRANSISTOR
logo
STMicroelectronics
STN888 STMICROELECTRONICS-STN888 Datasheet
107Kb / 9P
   HIGH CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
logo
Unisonic Technologies
STD888 UTC-STD888 Datasheet
132Kb / 3P
   HIGH CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
STD888 UTC-STD888_15 Datasheet
126Kb / 3P
   HIGH CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com