Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1664 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD1664
Description  MEDIUM POWER NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1664 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD1664 Datasheet HTML 1Page - Unisonic Technologies 2SD1664 Datasheet HTML 2Page - Unisonic Technologies 2SD1664 Datasheet HTML 3Page - Unisonic Technologies 2SD1664 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SD1664
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R208-025.C
MEDIUM POWER
NPN TRANSISTOR
DESCRIPTION
The UTC 2SD1664 is an epitaxial planar type NPN silicon
transistor.
FEATURES
*Low VCE(SAT): VCE (SAT)= 0.15V(Typ.)
(IC/IB= 500mA/50mA)
* Complement the 2SB1132.
SOT-89
1
Lead-free:
2SD1664L
Halogen-free:2SD1664G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Halogen Free
Package
1
2
3
Packing
2SD1664-x-AB3-R
2SD1664L-x-AB3-R
2SD1664G-x-AB3-R
SOT-89
B
C
E
Tape Reel


Similar Part No. - 2SD1664

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
118Kb / 3P
   Medium Power Transistor (32V, 1A)
logo
Foshan Blue Rocket Elec...
2SD1664 FOSHAN-2SD1664 Datasheet
963Kb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
logo
Unisonic Technologies
2SD1664 UTC-2SD1664 Datasheet
188Kb / 3P
   MEDIUM POWER NPN TRANSISTOR
logo
Jiangsu Changjiang Elec...
2SD1664 JIANGSU-2SD1664 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
129Kb / 4P
   Medium Power Transistor (32V, 1A)
More results

Similar Description - 2SD1664

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
   NPN medium power transistor
1997 Apr 17
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
   NPN medium power transistor
1999 Apr 08
logo
Rohm
UMT4401 ROHM-UMT4401 Datasheet
80Kb / 3P
   NPN Medium Power Transistor
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
   NPN Medium Power Transistor
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
117Kb / 8P
   NPN medium power transistor
logo
Diodes Incorporated
BC56-16PA DIODES-BC56-16PA Datasheet
376Kb / 7P
   NPN MEDIUM POWER TRANSISTOR
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
92Kb / 8P
   NPN MEDIUM POWER TRANSISTOR
October 2007 Rev 3
logo
Guangdong Kexin Industr...
BCP68 KEXIN-BCP68 Datasheet
40Kb / 2P
   NPN Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SC2411KPT CHENMKO-2SC2411KPT Datasheet
97Kb / 3P
   Medium Power NPN Transistor
logo
Rohm
SST2222AHZG ROHM-SST2222AHZG Datasheet
1Mb / 8P
   NPN Medium Power Transistor
logo
SHIKUES Electronics
BCX71 SKTECHNOLGY-BCX71 Datasheet
550Kb / 2P
   NPN medium power transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com