Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3N70G-TN3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 3N70G-TN3-R
Description  3 AMPS, 700 VOLTS N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N70G-TN3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  3N70G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 3N70G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 3N70G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 3N70G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 3N70G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 3N70G-TN3-R Datasheet HTML 6Page - Unisonic Technologies 3N70G-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3N70
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-282,D
TYPICAL CHARACTERISTICS
Drain Current vs. Source to Drain Voltage
Source to Drain Voltage, VSD (V)
0.2
0
0
1
0.8
0.4
0.6
3
4
1.0
2
6
3.0
0
0
1.0
2.0
2.5
Drain-Source On-State
Resistance Characteristics
Drain to Source Voltage, VDS (V)
0.5
4
2
1.5
8
VGS=10V,
ID=1.5A
Case Temperature, TC (°C)
75
100
0
125
50
25
1.0
1.5
2.0
2.5
3.0
Maximum Drain Current vs. Case
Temperature
0.5
150


Similar Part No. - 3N70G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N70G-TN3-R UTC-3N70G-TN3-R Datasheet
248Kb / 7P
   3A, 700V N-CHANNEL POWER MOSFET
More results

Similar Description - 3N70G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N70 UTC-7N70 Datasheet
150Kb / 8P
   7 Amps, 700 Volts N-CHANNEL POWER MOSFET
2N70 UTC-2N70 Datasheet
258Kb / 6P
   2 Amps, 700 Volts N-CHANNEL POWER MOSFET
2N70L UTC-2N70L Datasheet
181Kb / 6P
   2 Amps, 700 Volts N-CHANNEL POWER MOSFET
7N70 UTC-7N70_11 Datasheet
376Kb / 8P
   7 Amps, 700 Volts N-CHANNEL POWER MOSFET
4N70 UTC-4N70 Datasheet
224Kb / 6P
   4 Amps, 700 Volts N-CHANNEL POWER MOSFET
2N70K UTC-2N70K Datasheet
266Kb / 6P
   2 Amps, 700 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK10N70PD FS-FTK10N70PD Datasheet
318Kb / 7P
   10 Amps, 700 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
12N70 UTC-12N70_09 Datasheet
221Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
12N70 UTC-12N70 Datasheet
332Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N70P FS-FTK7N70P Datasheet
394Kb / 7P
   7 Amps, 700 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com