Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N60L-X-TQ3-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 4N60L-X-TQ3-T
Description  4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N60L-X-TQ3-T Datasheet(HTML) 6 Page - Unisonic Technologies

  4N60L-X-TQ3-T Datasheet HTML 1Page - Unisonic Technologies 4N60L-X-TQ3-T Datasheet HTML 2Page - Unisonic Technologies 4N60L-X-TQ3-T Datasheet HTML 3Page - Unisonic Technologies 4N60L-X-TQ3-T Datasheet HTML 4Page - Unisonic Technologies 4N60L-X-TQ3-T Datasheet HTML 5Page - Unisonic Technologies 4N60L-X-TQ3-T Datasheet HTML 6Page - Unisonic Technologies 4N60L-X-TQ3-T Datasheet HTML 7Page - Unisonic Technologies 4N60L-X-TQ3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-061,N
TYPICAL CHARACTERISTICS
-100
Junction Temperature, TJ (°С)
-50
50
200
100
150
1.2
0
1.1
1.0
0.9
0.8
Note:
1. VGS=0V
2. ID=250µA
Breakdown Voltage Variation vs.
Temperature
-100
Junction Temperature, TJ (°С)
-50
50
200
100
150
3.0
0
2.0
1.0
0.5
0.0
1.5
2.5
On-Resistance Junction Temperature
Note:
1. VGS=10V
2. ID=4A
10
1
10
0.1
1
Drain-to-Source Voltage, VDS (V)
On-State Characteristics
0.1
2
Gate-Source Voltage, VGS (V)
Transfer Characteristics
46
8
10
150°С
Notes:
1. VDS=50V
2. 250µs Pulse Test
10
1
0.1
25°С
5.0V
Notes:
1. 250µs Pulse Test
2. TC=25°С
VGS
Top:
10V
9V
8V
7V
6V
5.5V
5 V Bottorm:5.0V


Similar Part No. - 4N60L-X-TQ3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N60L-K08-5060-R UTC-4N60L-K08-5060-R Datasheet
408Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
4N60L-T2Q-T UTC-4N60L-T2Q-T Datasheet
376Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
4N60L-T2Q-T UTC-4N60L-T2Q-T Datasheet
408Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
4N60L-T2Q-T UTC-4N60L-T2Q-T Datasheet
432Kb / 9P
   N-CHANNEL ENHANCEMENT MODE MOSFET
4N60L-T2Q-T UTC-4N60L-T2Q-T Datasheet
262Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
More results

Similar Description - 4N60L-X-TQ3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60 UTC-3N60_09 Datasheet
363Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
8N60 UTC-8N60_09 Datasheet
217Kb / 8P
   7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60 UTC-2N60_11 Datasheet
224Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N60 UTC-3N60 Datasheet
162Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60 Datasheet
232Kb / 9P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60 UTC-7N60_10 Datasheet
189Kb / 6P
   7.4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60_10 Datasheet
330Kb / 8P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60A UTC-7N60A_09 Datasheet
280Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
8N60 UTC-8N60 Datasheet
211Kb / 8P
   7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com