Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5N90G-TA3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 5N90G-TA3-T
Description  5 Amps, 900 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N90G-TA3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  5N90G-TA3-T Datasheet HTML 1Page - Unisonic Technologies 5N90G-TA3-T Datasheet HTML 2Page - Unisonic Technologies 5N90G-TA3-T Datasheet HTML 3Page - Unisonic Technologies 5N90G-TA3-T Datasheet HTML 4Page - Unisonic Technologies 5N90G-TA3-T Datasheet HTML 5Page - Unisonic Technologies 5N90G-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5N90
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-499.a
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
900
V
Breakdown Voltage Temperature Coefficient ΔBVDSS/ΔTJ
ID=250μA,
Referenced to 25°C
1.0
V/°C
VDS=900V, VGS=0V
10
µA
Drain-Source Leakage Current
IDSS
VDS=720V, TC=125°C
100
µA
Forward
VDS=0V ,VGS=30V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VDS=0V ,VGS=-30V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
3.0
5.0
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=2.5A
1.8
2.3
Forward Transconductance
gFS
VDS=50V, ID=2.5A (Note 4)
4.0
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
1200 1550
pF
Output Capacitance
COSS
110
145
pF
Reverse Transfer Capacitance
CRSS
VDS=25V,VGS=0V,f=1.0MHz
13
17
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
31
40
nC
Gate-Source Charge
QGS
7.2
nC
Gate-Drain Charge
QGD
VDS=720V, VGS=10V, ID=5A
(Note 4,5)
15
nC
Turn-ON Delay Time
tD(ON)
28
65
ns
Turn-ON Rise Time
tR
65
140
ns
Turn-OFF Delay Time
tD(OFF)
65
140
ns
Turn-OFF Fall Time
tF
VDD=450V, ID=5A, RG=25Ω
(Note 4,5)
50
110
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
5
A
Maximum Body-Diode Pulsed Current
ISM
12
A
Drain-Source Diode Forward Voltage
VSD
IS =5A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
tRR
610
ns
Body Diode Reverse Recovery Charge
QRR
VGS=0V, IS=5.4A,
dIF/dt=100A/μs (Note 4)
5.26
μC
Note: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L=52.8mH, IAS=5A, VDD= 50V, RG=25Ω, Starting TJ=25°C
3. ISD ≤5.4A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ=25°C
4. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature


Similar Part No. - 5N90G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N90G-TA3-T UTC-5N90G-TA3-T Datasheet
190Kb / 5P
   5A, 900V N-CHANNEL POWER MOSFET
5N90G-TA3-T UTC-5N90G-TA3-T Datasheet
279Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 5N90G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N90 UTC-8N90 Datasheet
163Kb / 5P
   8 Amps, 900 Volts N-CHANNEL POWER MOSFET
6N90 UTC-6N90 Datasheet
180Kb / 6P
   6.2 Amps, 900 Volts N-CHANNEL POWER MOSFET
3N90 UTC-3N90 Datasheet
223Kb / 6P
   3 Amps, 900 Volts N-CHANNEL POWER MOSFET
1N90 UTC-1N90 Datasheet
164Kb / 6P
   1 Amps, 900 Volts N-CHANNEL POWER MOSFET
10N90 UTC-10N90 Datasheet
194Kb / 6P
   10 Amps, 900 Volts N-CHANNEL POWER MOSFET
11N90 UTC-11N90 Datasheet
199Kb / 6P
   11 Amps, 900 Volts N-CHANNEL POWER MOSFET
3N90Z UTC-3N90Z Datasheet
185Kb / 6P
   3 Amps, 900 Volts N-CHANNEL POWER MOSFET
2N90 UTC-2N90 Datasheet
186Kb / 6P
   2 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90_11 Datasheet
184Kb / 6P
   4 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90 Datasheet
165Kb / 6P
   4 Amps, 900 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com