Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7N60A Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 7N60A
Description  7 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N60A Datasheet(HTML) 4 Page - Unisonic Technologies

  7N60A_09 Datasheet HTML 1Page - Unisonic Technologies 7N60A_09 Datasheet HTML 2Page - Unisonic Technologies 7N60A_09 Datasheet HTML 3Page - Unisonic Technologies 7N60A_09 Datasheet HTML 4Page - Unisonic Technologies 7N60A_09 Datasheet HTML 5Page - Unisonic Technologies 7N60A_09 Datasheet HTML 6Page - Unisonic Technologies 7N60A_09 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
7N60A
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
VQW-R502-111,D
TEST CIRCUITS AND WAVEFORMS
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
* D.U.T.-Device Under Test
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
-
+
VGS=
P.W.
Period
Fig. 1A Peak Diode Recovery dv/dt Test Circuit
Fig. 1B Peak Diode Recovery dv/dt Waveforms


Similar Part No. - 7N60A_09

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60A-X-TA3-T UTC-7N60A-X-TA3-T Datasheet
297Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60A-X-TF3-T UTC-7N60A-X-TF3-T Datasheet
297Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL MOSFET
logo
Fairchild Semiconductor
7N60A4 FAIRCHILD-7N60A4 Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
7N60A4 FAIRCHILD-7N60A4 Datasheet
191Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
7N60A4 INTERSIL-7N60A4 Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
More results

Similar Description - 7N60A_09

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60A UTC-7N60A Datasheet
297Kb / 7P
   7 Amps, 600/650 Volts N-CHANNEL MOSFET
3N60 UTC-3N60_09 Datasheet
363Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
4N60 UTC-4N60_10 Datasheet
397Kb / 8P
   4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
8N60 UTC-8N60_09 Datasheet
217Kb / 8P
   7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60 UTC-2N60_11 Datasheet
224Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N60 UTC-3N60 Datasheet
162Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60 Datasheet
232Kb / 9P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60 UTC-7N60_10 Datasheet
189Kb / 6P
   7.4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60_10 Datasheet
330Kb / 8P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com