Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7N60L-X-TF1-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 7N60L-X-TF1-T
Description  7.4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N60L-X-TF1-T Datasheet(HTML) 6 Page - Unisonic Technologies

  7N60L-X-TF1-T Datasheet HTML 1Page - Unisonic Technologies 7N60L-X-TF1-T Datasheet HTML 2Page - Unisonic Technologies 7N60L-X-TF1-T Datasheet HTML 3Page - Unisonic Technologies 7N60L-X-TF1-T Datasheet HTML 4Page - Unisonic Technologies 7N60L-X-TF1-T Datasheet HTML 5Page - Unisonic Technologies 7N60L-X-TF1-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
7N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-076,Ja
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 7N60L-X-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60L-T2Q-T UTC-7N60L-T2Q-T Datasheet
193Kb / 6P
   7.4A, 600V N-CHANNEL POWER MOSFET
7N60L-T2Q-T UTC-7N60L-T2Q-T Datasheet
349Kb / 9P
   N-CHANNEL ENHANCEMENT MODE MOSFET
7N60L-T2Q-T UTC-7N60L-T2Q-T Datasheet
341Kb / 8P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
7N60L-T2Q-T UTC-7N60L-T2Q-T Datasheet
205Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
7N60L-T2Q-T UTC-7N60L-T2Q-T Datasheet
205Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 7N60L-X-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N60Z UTC-7N60Z_10 Datasheet
213Kb / 6P
   7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60Z UTC-7N60Z Datasheet
194Kb / 6P
   7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
7N60L UTC-7N60L Datasheet
182Kb / 7P
   7.4 Amps, 600/650 Volts N-CHANNEL MOSFET
7N65 UTC-7N65_09 Datasheet
180Kb / 6P
   7.4 Amps, 650 Volts N-CHANNEL POWER MOSFET
7N60 UTC-7N60 Datasheet
145Kb / 7P
   7.4 Amps, 600 Volts N-CHANNEL MOSFET
3N60 UTC-3N60_09 Datasheet
363Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
4N60 UTC-4N60_10 Datasheet
397Kb / 8P
   4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
8N60 UTC-8N60_09 Datasheet
217Kb / 8P
   7.5 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60 UTC-2N60_11 Datasheet
224Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com