Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7N90 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 7N90
Description  900V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N90 Datasheet(HTML) 5 Page - Unisonic Technologies

  7N90 Datasheet HTML 1Page - Unisonic Technologies 7N90 Datasheet HTML 2Page - Unisonic Technologies 7N90 Datasheet HTML 3Page - Unisonic Technologies 7N90 Datasheet HTML 4Page - Unisonic Technologies 7N90 Datasheet HTML 5Page - Unisonic Technologies 7N90 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
7N90
Preliminary
Power MOSFET
www.unisonic.com.tw
5 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-475.a
50kΩ
300nF
DUT
VDS
10V
12V
Charge
QGS
QGD
QG
Gate Charge Test Circuit
Gate Charge Waveforms
VGS
VGS
200nF
Same Type
as DUT
3mA
10V
tP
RG
DUT
L
VDS
ID
VDD
Unclamped Inductive Switching Test Circuit
tP
VDD
IAS
BVDSS
ID(t)
VDS(t)
Time
EAS= 2
1 LI
AS
2
BVDSS
BVDSS-VDD
Unclamped Inductive Switching Waveforms


Similar Part No. - 7N90

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N90 UTC-7N90 Datasheet
185Kb / 6P
   7A, 900V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
7N90 NELLSEMI-7N90 Datasheet
394Kb / 8P
   N-Channel Power MOSFET
logo
Inchange Semiconductor ...
7N90 ISC-7N90 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
Unisonic Technologies
7N90-MK6 UTC-7N90-MK6 Datasheet
210Kb / 5P
   N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
7N90A ISC-7N90A Datasheet
291Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - 7N90

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3N90 TSC-TSM3N90_14 Datasheet
572Kb / 12P
   900V N-Channel Power MOSFET
TSM9N90 TSC-TSM9N90 Datasheet
429Kb / 10P
   900V N-Channel Power MOSFET
TSM7N90 TSC-TSM7N90_14 Datasheet
1Mb / 10P
   900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90_14 Datasheet
469Kb / 10P
   900V N-Channel Power MOSFET
TSM9N90_1311 TSC-TSM9N90_1311 Datasheet
491Kb / 10P
   900V N-Channel Power MOSFET
TSM7N90 TSC-TSM7N90 Datasheet
410Kb / 10P
   900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90 Datasheet
406Kb / 10P
   900V N-Channel Power MOSFET
TSM3N90 TSC-TSM3N90 Datasheet
531Kb / 12P
   900V N-Channel Power MOSFET
logo
Unisonic Technologies
2N90 UTC-2N90_11 Datasheet
203Kb / 6P
   2A, 900V N-CHANNEL POWER MOSFET
7N90_1109 UTC-7N90_1109 Datasheet
185Kb / 6P
   7A, 900V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com