Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8N50G-TF1-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 8N50G-TF1-T
Description  8 Amps, 500 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8N50G-TF1-T Datasheet(HTML) 2 Page - Unisonic Technologies

  8N50G-TF1-T Datasheet HTML 1Page - Unisonic Technologies 8N50G-TF1-T Datasheet HTML 2Page - Unisonic Technologies 8N50G-TF1-T Datasheet HTML 3Page - Unisonic Technologies 8N50G-TF1-T Datasheet HTML 4Page - Unisonic Technologies 8N50G-TF1-T Datasheet HTML 5Page - Unisonic Technologies 8N50G-TF1-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-546.a
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Continuous (TC=25°C)
ID
8(Note 2)
A
Drain Current
Pulsed (Note 3)
IDM
32(Note 2)
A
Avalanche Current (Note 3)
IAR
8
A
Single Pulsed (Note 4)
EAS
320
mJ
Avalanche Energy
Repetitive (Note 5)
EAR
12.5
mJ
TO-220
125
TC=25°C
TO-220F1
42
W
TO-220
1
Power Dissipation
Derate above 25°C
TO-220F1
PD
0.33
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Drain current limited by maximum junction temperature
3. Repetitive Rating: Pulse width limited by maximum junction temperature
4. L = 10mH, IAS = 8A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
5. ISD ≤ 8A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220
62.5
Junction to Ambient
TO-220F1
θJA
62.5
°C/W
TO-220
1
Junction to Case
TO-220F1
θJC
3
°C/W


Similar Part No. - 8N50G-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N50G-TF1-T UTC-8N50G-TF1-T Datasheet
182Kb / 6P
   8A, 500V N-CHANNEL POWER MOSFET
8N50G-TF1-T UTC-8N50G-TF1-T Datasheet
206Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 8N50G-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N50 UTC-2N50 Datasheet
173Kb / 6P
   2 Amps, 500 Volts N-CHANNEL POWER MOSFET
7N50 UTC-7N50 Datasheet
171Kb / 6P
   7 Amps, 500 Volts N-CHANNEL POWER MOSFET
12N50 UTC-12N50 Datasheet
171Kb / 6P
   12 Amps, 500 Volts N-CHANNEL POWER MOSFET
16N50 UTC-16N50 Datasheet
170Kb / 6P
   16 Amps, 500 Volts N-CHANNEL POWER MOSFET
6N50 UTC-6N50 Datasheet
172Kb / 6P
   6 Amps, 500 Volts N-CHANNEL POWER MOSFET
18N50 UTC-18N50 Datasheet
163Kb / 6P
   18 Amps, 500 Volts N-CHANNEL POWER MOSFET
24N50 UTC-24N50 Datasheet
163Kb / 6P
   24 Amps, 500 Volts N-CHANNEL POWER MOSFET
1N50 UTC-1N50 Datasheet
169Kb / 6P
   1.3 Amps, 500 Volts N-CHANNEL POWER MOSFET
3N50 UTC-3N50_11 Datasheet
173Kb / 6P
   3 Amps, 500 Volts N-CHANNEL POWER MOSFET
4N50 UTC-4N50 Datasheet
171Kb / 6P
   4 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com