Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9N80 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 9N80
Description  9 Amps, 800 Volts N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N80 Datasheet(HTML) 1 Page - Unisonic Technologies

  9N80 Datasheet HTML 1Page - Unisonic Technologies 9N80 Datasheet HTML 2Page - Unisonic Technologies 9N80 Datasheet HTML 3Page - Unisonic Technologies 9N80 Datasheet HTML 4Page - Unisonic Technologies 9N80 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
9N80
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-493.b
9 Amps, 800 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 9N80 is an N-channel mode Power FET using UTC’s
advanced technology to provide costumers with planar stripe and
DMOS technology. This technology is specialized in allowing a
minimum on-state resistance and superior switching performance. It
also can withstand high energy pulse in the avalanche and
commutation mode.
The UTC 9N80 is universally applied in high efficiency switch
mode power supply.
FEATURES
* Improved Gate Charge
* Lower Input Capacitance
* Lower Leakage Current: 25 μA (Max.) @ VDS = 800V
* Halogen Free
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
9N80L-TF1-T
9N80G-TF1-T
TO-220F1
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 9N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N80 UTC-9N80 Datasheet
203Kb / 5P
   9A, 800V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
9N80 ISC-9N80 Datasheet
58Kb / 2P
   Fast Switching Speed
9N80A ISC-9N80A Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
9N80G-TA3-T UTC-9N80G-TA3-T Datasheet
203Kb / 5P
   9A, 800V N-CHANNEL POWER MOSFET
9N80G-TF1-T UTC-9N80G-TF1-T Datasheet
203Kb / 5P
   9A, 800V N-CHANNEL POWER MOSFET
More results

Similar Description - 9N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N80 UTC-3N80_11 Datasheet
210Kb / 6P
   3 Amps, 800 Volts N-CHANNEL POWER MOSFET
7N80 UTC-7N80 Datasheet
177Kb / 6P
   7.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
4N80 UTC-4N80 Datasheet
165Kb / 6P
   4.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
2N80 UTC-2N80 Datasheet
170Kb / 6P
   2 Amps, 800 Volts N-CHANNEL POWER MOSFET
1N80 UTC-1N80 Datasheet
163Kb / 6P
   1.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
5N80 UTC-5N80 Datasheet
171Kb / 5P
   5 Amps, 800 Volts N-CHANNEL POWER MOSFET
6N80 UTC-6N80 Datasheet
181Kb / 6P
   6.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N80 UTC-3N80 Datasheet
200Kb / 6P
   2.5 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N80_1108 UTC-3N80_1108 Datasheet
222Kb / 6P
   3 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK3N80P FS-FTK3N80P Datasheet
223Kb / 6P
   3 Amps, 800 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com