Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10N50G-TA3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 10N50G-TA3-T
Description  10 Amps, 500 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N50G-TA3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  10N50G-TA3-T Datasheet HTML 1Page - Unisonic Technologies 10N50G-TA3-T Datasheet HTML 2Page - Unisonic Technologies 10N50G-TA3-T Datasheet HTML 3Page - Unisonic Technologies 10N50G-TA3-T Datasheet HTML 4Page - Unisonic Technologies 10N50G-TA3-T Datasheet HTML 5Page - Unisonic Technologies 10N50G-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
10N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-531.a
TEST CIRCUITS AND WAVEFORMS(Cont.)
VDS
+
-
DUT
RG
dv/dt controlled by RG
ISD controlled by pulse period
VDD
Peak Diode Recovery dv/dt Test Circuit & Waveforms
Same Type
as DUT
ISD
VGS
L
VGS
(Driver)
ISD
(DUT)
VDS
(DUT)
D=
Gate Pulse Width
Gate Pulse Period
10V
di/dt
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
VDD
VSD
Body Diode Forward
Voltage Drop
IFM, Body Diode Forward Current
Driver


Similar Part No. - 10N50G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N50G-TA3-T UTC-10N50G-TA3-T Datasheet
179Kb / 6P
   10A, 500V N-CHANNEL POWER MOSFET
More results

Similar Description - 10N50G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N50 UTC-2N50 Datasheet
173Kb / 6P
   2 Amps, 500 Volts N-CHANNEL POWER MOSFET
7N50 UTC-7N50 Datasheet
171Kb / 6P
   7 Amps, 500 Volts N-CHANNEL POWER MOSFET
12N50 UTC-12N50 Datasheet
171Kb / 6P
   12 Amps, 500 Volts N-CHANNEL POWER MOSFET
16N50 UTC-16N50 Datasheet
170Kb / 6P
   16 Amps, 500 Volts N-CHANNEL POWER MOSFET
6N50 UTC-6N50 Datasheet
172Kb / 6P
   6 Amps, 500 Volts N-CHANNEL POWER MOSFET
18N50 UTC-18N50 Datasheet
163Kb / 6P
   18 Amps, 500 Volts N-CHANNEL POWER MOSFET
24N50 UTC-24N50 Datasheet
163Kb / 6P
   24 Amps, 500 Volts N-CHANNEL POWER MOSFET
1N50 UTC-1N50 Datasheet
169Kb / 6P
   1.3 Amps, 500 Volts N-CHANNEL POWER MOSFET
3N50 UTC-3N50_11 Datasheet
173Kb / 6P
   3 Amps, 500 Volts N-CHANNEL POWER MOSFET
4N50 UTC-4N50 Datasheet
171Kb / 6P
   4 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com