Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9N90G-T47-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 9N90G-T47-T
Description  900V N-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N90G-T47-T Datasheet(HTML) 2 Page - Unisonic Technologies

  9N90G-T47-T Datasheet HTML 1Page - Unisonic Technologies 9N90G-T47-T Datasheet HTML 2Page - Unisonic Technologies 9N90G-T47-T Datasheet HTML 3Page - Unisonic Technologies 9N90G-T47-T Datasheet HTML 4Page - Unisonic Technologies 9N90G-T47-T Datasheet HTML 5Page - Unisonic Technologies 9N90G-T47-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
9N90
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-217.E
ABSOLUTE MAXIMUM RATING (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
900
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current (TC = 25°C)
ID
9.0
A
Pulsed Drain Current (Note 2)
IDM
36
A
Avalanche Current (Note 2)
IAR
9.0
A
Single Pulsed(Note 3)
EAS
900
mJ
Avalanche Energy
Repetitive(Note 2)
EAR
28
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.0
V/ns
TO-247
160
W
TO-3P
240
Power Dissipation
TO-220F1
36
W
TO-247
1.28
W/°C
TO-3P
2.22
Linear Derating Factor
above TC = 25°C
TO-220F1
PD
0.288
W/°C
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L = 21mH, IAS = 9.0A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
4. ISD≤9.0A, di/dt ≤ 200A/μs, VDD≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-247
50
°C/W
TO-3P
40
Junction to Ambient
TO-220F1
θJA
62.5
°C/W
TO-247
0.78
°C/W
TO-3P
0.52
Junction-to-Case
TO-220F1
θJC
3.47
°C/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250μA
900
V
Drain-Source Leakage Current
IDSS
VDS = 900 V, VGS = 0 V
10
μA
Forward
IGSSF
VGS = 30 V, VDS = 0 V
100
nA
Gate-Body Leakage Current
Reverse
IGSSR
VGS = -30 V, VDS = 0 V
-100
nA
Breakdown Voltage Temperature
Coefficient
BV
DSS/△TJ
ID = 250μA, Referenced to 25°C
0.99
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
3.0
5.0
V
Static Drain-Source On-Resistance
RDS(ON)
VGS = 10 V, ID = 4.5 A
1.12
1.4
DYNAMIC PARAMETERS
Input Capacitance
CISS
2100 2730
pF
Output Capacitance
COSS
175
230
pF
Reverse Transfer Capacitance
CRSS
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
14
18
pF


Similar Part No. - 9N90G-T47-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N90G-T47-T UTC-9N90G-T47-T Datasheet
255Kb / 6P
   9A, 900V N-CHANNEL POWER MOSFET
9N90G-T47-T UTC-9N90G-T47-T Datasheet
253Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 9N90G-T47-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com