Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10N75G-TA3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 10N75G-TA3-T
Description  10 Amps, 750 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N75G-TA3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  10N75G-TA3-T Datasheet HTML 1Page - Unisonic Technologies 10N75G-TA3-T Datasheet HTML 2Page - Unisonic Technologies 10N75G-TA3-T Datasheet HTML 3Page - Unisonic Technologies 10N75G-TA3-T Datasheet HTML 4Page - Unisonic Technologies 10N75G-TA3-T Datasheet HTML 5Page - Unisonic Technologies 10N75G-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10N75
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-501.a
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
750
V
Breakdown Voltage Temperature Coefficient ΔBVDSS/ΔTJ
ID=250μA,
Referenced to 25°C
0.98
V/°C
VDS=750V, VGS=0V
10
µA
Drain-Source Leakage Current
IDSS
VDS=640V, TC=125°C
100
µA
Forward
VDS=0V ,VGS=30V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VDS=0V ,VGS=-30V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
3.0
5.0
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=5A
0.93
1.1
Forward Transconductance
gFS
VDS=50V, ID=5.0A (Note 4)
5.8
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
2150 2800
pF
Output Capacitance
COSS
180
230
pF
Reverse Transfer Capacitance
CRSS
VDS=25V,VGS=0V,f=1.0MHz
15
20
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
45
58
nC
Gate-Source Charge
QGS
13.5
nC
Gate-Drain Charge
QGD
VDS=600V, VGS=10V, ID=10A
(Note 4,5)
17
nC
Turn-ON Delay Time
tD(ON)
50
110
ns
Turn-ON Rise Time
tR
130
270
ns
Turn-OFF Delay Time
tD(OFF)
90
190
ns
Turn-OFF Fall Time
tF
VDD=350V, ID=10A, RG=25Ω
VDS=10V (Note 4,5)
80
170
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
10.0
A
Maximum Body-Diode Pulsed Current
ISM
40.0
A
Drain-Source Diode Forward Voltage
VSD
IS =10.0A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
tRR
730
ns
Body Diode Reverse Recovery Charge
QRR
VGS=0V, IS=10.0A,
dIF/dt=100A/μs (Note 4)
10.9
μC
Note: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L=17.3mH, IAS=10A, VDD= 50V, RG=25Ω, Starting TJ=25°C
3. ISD ≤10A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ=25°C
4. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature


Similar Part No. - 10N75G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N75G-TA3-T UTC-10N75G-TA3-T Datasheet
175Kb / 6P
   10A, 750V N-CHANNEL POWER MOSFET
More results

Similar Description - 10N75G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N50 UTC-10N50 Datasheet
172Kb / 6P
   10 Amps, 500 Volts N-CHANNEL POWER MOSFET
10N90 UTC-10N90 Datasheet
194Kb / 6P
   10 Amps, 900 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK10N65P FS-FTK10N65P Datasheet
289Kb / 7P
   10 Amps, 650 Volts N-CHANNEL MOSFET
FTK10N60PD FS-FTK10N60PD Datasheet
373Kb / 7P
   10 Amps, 600 Volts N-CHANNEL MOSFET
FTK10N65PD FS-FTK10N65PD Datasheet
289Kb / 7P
   10 Amps, 650 Volts N-CHANNEL MOSFET
FTK10N70PD FS-FTK10N70PD Datasheet
318Kb / 7P
   10 Amps, 700 Volts N-CHANNEL MOSFET
FTK10N60P FS-FTK10N60P Datasheet
373Kb / 7P
   10 Amps, 600 Volts N-CHANNEL MOSFET
FTK10N70P FS-FTK10N70P Datasheet
318Kb / 7P
   10 Amps, 700 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
10N60 UTC-10N60 Datasheet
232Kb / 9P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60_10 Datasheet
330Kb / 8P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com