Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11N90L-TF1-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 11N90L-TF1-T
Description  11 Amps, 900 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

11N90L-TF1-T Datasheet(HTML) 4 Page - Unisonic Technologies

  11N90L-TF1-T Datasheet HTML 1Page - Unisonic Technologies 11N90L-TF1-T Datasheet HTML 2Page - Unisonic Technologies 11N90L-TF1-T Datasheet HTML 3Page - Unisonic Technologies 11N90L-TF1-T Datasheet HTML 4Page - Unisonic Technologies 11N90L-TF1-T Datasheet HTML 5Page - Unisonic Technologies 11N90L-TF1-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
11N90
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-497.a
TEST CIRCUITS AND WAVEFORMS
50kΩ
300nF
DUT
VDS
10V
12V
Charge
QGS
QGD
QG
Gate Charge Test Circuit
Gate Charge Waveforms
VGS
VGS
200nF
Same Type
as DUT
3mA
10V
tP
RG
DUT
L
VDS
ID
VDD
Unclamped Inductive Switching Test Circuit
tP
VDD
IAS
BVDSS
ID(t)
VDS(t)
Time
EAS= 2
1 LI
AS
2
BVDSS
BVDSS-VDD
Unclamped Inductive Switching Waveforms


Similar Part No. - 11N90L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
11N90L-TF1-T UTC-11N90L-TF1-T Datasheet
204Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 11N90L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N90 UTC-8N90 Datasheet
163Kb / 5P
   8 Amps, 900 Volts N-CHANNEL POWER MOSFET
5N90 UTC-5N90 Datasheet
171Kb / 6P
   5 Amps, 900 Volts N-CHANNEL POWER MOSFET
6N90 UTC-6N90 Datasheet
180Kb / 6P
   6.2 Amps, 900 Volts N-CHANNEL POWER MOSFET
3N90 UTC-3N90 Datasheet
223Kb / 6P
   3 Amps, 900 Volts N-CHANNEL POWER MOSFET
1N90 UTC-1N90 Datasheet
164Kb / 6P
   1 Amps, 900 Volts N-CHANNEL POWER MOSFET
10N90 UTC-10N90 Datasheet
194Kb / 6P
   10 Amps, 900 Volts N-CHANNEL POWER MOSFET
3N90Z UTC-3N90Z Datasheet
185Kb / 6P
   3 Amps, 900 Volts N-CHANNEL POWER MOSFET
2N90 UTC-2N90 Datasheet
186Kb / 6P
   2 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90_11 Datasheet
184Kb / 6P
   4 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90 Datasheet
165Kb / 6P
   4 Amps, 900 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com