Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11N90G-TA3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 11N90G-TA3-T
Description  11 Amps, 900 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

11N90G-TA3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  11N90G-TA3-T Datasheet HTML 1Page - Unisonic Technologies 11N90G-TA3-T Datasheet HTML 2Page - Unisonic Technologies 11N90G-TA3-T Datasheet HTML 3Page - Unisonic Technologies 11N90G-TA3-T Datasheet HTML 4Page - Unisonic Technologies 11N90G-TA3-T Datasheet HTML 5Page - Unisonic Technologies 11N90G-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
11N90
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-497.a
11 Amps, 900 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 11N90 is an N-channel enhancement mode Power
FET using UTC’s advanced technology to provide costomers with
planar stripe and DMOS technology. This technology specializes in
allowing a minimum on-state resistance and superior switching
performance. It also can withstand high energy pulse in the
avalanche and commutation mode.
The UTC 11N90 is universally applied in high efficiency switch
mode power supply,
FEATURES
* 11A, 900V, RDS(on) = 1.1Ω @VGS = 10 V
* High switching speed
* Improved dv/dt capability
* 100% avalanche tested
* Halogen Free
SYMBOL
1
TO-220
1
TO-220F1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
11N90L-TA3-T
11N90G-TA3-T
TO-220
G
D
S
Tube
11N90L-TF1-T
11N90G-TF1-T
TO-220F1
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 11N90G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
11N90G-TA3-T UTC-11N90G-TA3-T Datasheet
204Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 11N90G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N90 UTC-8N90 Datasheet
163Kb / 5P
   8 Amps, 900 Volts N-CHANNEL POWER MOSFET
5N90 UTC-5N90 Datasheet
171Kb / 6P
   5 Amps, 900 Volts N-CHANNEL POWER MOSFET
6N90 UTC-6N90 Datasheet
180Kb / 6P
   6.2 Amps, 900 Volts N-CHANNEL POWER MOSFET
3N90 UTC-3N90 Datasheet
223Kb / 6P
   3 Amps, 900 Volts N-CHANNEL POWER MOSFET
1N90 UTC-1N90 Datasheet
164Kb / 6P
   1 Amps, 900 Volts N-CHANNEL POWER MOSFET
10N90 UTC-10N90 Datasheet
194Kb / 6P
   10 Amps, 900 Volts N-CHANNEL POWER MOSFET
3N90Z UTC-3N90Z Datasheet
185Kb / 6P
   3 Amps, 900 Volts N-CHANNEL POWER MOSFET
2N90 UTC-2N90 Datasheet
186Kb / 6P
   2 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90_11 Datasheet
184Kb / 6P
   4 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90 Datasheet
165Kb / 6P
   4 Amps, 900 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com