Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12N50G-TA3-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 12N50G-TA3-T
Description  12 Amps, 500 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N50G-TA3-T Datasheet(HTML) 6 Page - Unisonic Technologies

  12N50G-TA3-T Datasheet HTML 1Page - Unisonic Technologies 12N50G-TA3-T Datasheet HTML 2Page - Unisonic Technologies 12N50G-TA3-T Datasheet HTML 3Page - Unisonic Technologies 12N50G-TA3-T Datasheet HTML 4Page - Unisonic Technologies 12N50G-TA3-T Datasheet HTML 5Page - Unisonic Technologies 12N50G-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
12N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-528.a
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 12N50G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N50G-TA3-T UTC-12N50G-TA3-T Datasheet
167Kb / 6P
   12A, 500V N-CHANNEL POWER MOSFET
12N50G-TA3-T UTC-12N50G-TA3-T Datasheet
214Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 12N50G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF450 UTC-UF450 Datasheet
220Kb / 6P
   12 Amps, 500 Volts N-CHANNEL POWER MOSFET
2N50 UTC-2N50 Datasheet
173Kb / 6P
   2 Amps, 500 Volts N-CHANNEL POWER MOSFET
7N50 UTC-7N50 Datasheet
171Kb / 6P
   7 Amps, 500 Volts N-CHANNEL POWER MOSFET
16N50 UTC-16N50 Datasheet
170Kb / 6P
   16 Amps, 500 Volts N-CHANNEL POWER MOSFET
6N50 UTC-6N50 Datasheet
172Kb / 6P
   6 Amps, 500 Volts N-CHANNEL POWER MOSFET
18N50 UTC-18N50 Datasheet
163Kb / 6P
   18 Amps, 500 Volts N-CHANNEL POWER MOSFET
24N50 UTC-24N50 Datasheet
163Kb / 6P
   24 Amps, 500 Volts N-CHANNEL POWER MOSFET
1N50 UTC-1N50 Datasheet
169Kb / 6P
   1.3 Amps, 500 Volts N-CHANNEL POWER MOSFET
3N50 UTC-3N50_11 Datasheet
173Kb / 6P
   3 Amps, 500 Volts N-CHANNEL POWER MOSFET
4N50 UTC-4N50 Datasheet
171Kb / 6P
   4 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com