Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13N50L-TA3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 13N50L-TA3-T
Description  500V N-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

13N50L-TA3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  13N50L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 13N50L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 13N50L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 13N50L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 13N50L-TA3-T Datasheet HTML 5Page - Unisonic Technologies 13N50L-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
13N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-362.c
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS = 0V, IS = 13 A
1.4
V
Maximum Continuous Drain-Source
Diode Forward Current
IS
13
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
52
A
Reverse Recovery Time
tRR
290
nS
Reverse Recovery Charge
QRR
VGS = 0V, IS = 13A,
dIF / dt = 100A/μs (Note 1)
2.6
μC
Notes: 1. Pulse Test : Pulse width≤300μs, Duty cycle≤2%
2. Essentially independent of operating ambient temperature


Similar Part No. - 13N50L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13N50L-TA3-T UTC-13N50L-TA3-T Datasheet
221Kb / 6P
   13A, 500V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
13N50L-TA3-T VBSEMI-13N50L-TA3-T Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - 13N50L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com