Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15N60 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 15N60
Description  15 Amps, 600 Volts N-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

15N60 Datasheet(HTML) 4 Page - Unisonic Technologies

  15N60 Datasheet HTML 1Page - Unisonic Technologies 15N60 Datasheet HTML 2Page - Unisonic Technologies 15N60 Datasheet HTML 3Page - Unisonic Technologies 15N60 Datasheet HTML 4Page - Unisonic Technologies 15N60 Datasheet HTML 5Page - Unisonic Technologies 15N60 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
15N60
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-485
.a
TEST CIRCUITS AND WAVEFORMS
VDS
+
-
DUT
RG
dv/dt controlled by RG
ISD controlled by pulse period
VDD
Peak Diode Recovery dv/dt Test Circuit & Waveforms
Same Type
as DUT
ISD
VGS
L
VGS
(Driver)
ISD
(DUT)
VDS
(DUT)
D=
Gate Pulse Width
Gate Pulse Period
10V
di/dt
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
VDD
VSD
Body Diode Forward
Voltage Drop
IFM, Body Diode Forward Current
Driver


Similar Part No. - 15N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N60 UTC-15N60 Datasheet
185Kb / 6P
   15A, 600V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
15N60 ISC-15N60 Datasheet
49Kb / 2P
   High Switching Speed
logo
VBsemi Electronics Co.,...
15N60 VBSEMI-15N60 Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
logo
Infineon Technologies A...
15N60C3 INFINEON-15N60C3 Datasheet
689Kb / 14P
   Cool MOS??Power Transistor
Rev. 3.2 2009-12-22
15N60C3 INFINEON-15N60C3 Datasheet
689Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-12-22
More results

Similar Description - 15N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N60 UTC-2N60 Datasheet
142Kb / 8P
   2 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N60P FS-FTK7N60P Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK10N60PD FS-FTK10N60PD Datasheet
373Kb / 7P
   10 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N60A UTC-1N60A Datasheet
139Kb / 8P
   0.5 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N60PD FS-FTK7N60PD Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N60 UTC-1N60 Datasheet
143Kb / 8P
   1.2 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK1N60 FS-FTK1N60 Datasheet
222Kb / 7P
   1.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK2N60P FS-FTK2N60P Datasheet
301Kb / 7P
   2 Amps, 600 Volts N-CHANNEL MOSFET
FTK1N60P FS-FTK1N60P Datasheet
321Kb / 7P
   1.0 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
7N60 UTC-7N60 Datasheet
145Kb / 7P
   7.4 Amps, 600 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com