Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18N50 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 18N50
Description  18 Amps, 500 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

18N50 Datasheet(HTML) 5 Page - Unisonic Technologies

  18N50 Datasheet HTML 1Page - Unisonic Technologies 18N50 Datasheet HTML 2Page - Unisonic Technologies 18N50 Datasheet HTML 3Page - Unisonic Technologies 18N50 Datasheet HTML 4Page - Unisonic Technologies 18N50 Datasheet HTML 5Page - Unisonic Technologies 18N50 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
18N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-477.b
TEST CIRCUITS AND WAVEFORMS(Cont.)
50kΩ
300nF
DUT
VDS
10V
12V
Charge
QGS
QGD
QG
Gate Charge Test Circuit
Gate Charge Waveforms
VGS
VGS
200nF
Same Type
as DUT
3mA
10V
tP
RG
DUT
L
VDS
ID
VDD
Unclamped Inductive Switching Test Circuit
tP
VDD
IAS
BVDSS
ID(t)
VDS(t)
Time
EAS= 2
1 LI
AS
2
BVDSS
BVDSS-VDD
Unclamped Inductive Switching Waveforms


Similar Part No. - 18N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
18N50 UTC-18N50 Datasheet
209Kb / 6P
   18A, 500V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
18N50 ISC-18N50 Datasheet
54Kb / 2P
   Fast Switching
logo
DONGGUAN YOU FENG WEI E...
18N50A YFWDIODE-18N50A Datasheet
817Kb / 6P
   18A 500V N-channel enhanced field effect transistor
logo
Unisonic Technologies
18N50G-TF1-T UTC-18N50G-TF1-T Datasheet
209Kb / 6P
   18A, 500V N-CHANNEL POWER MOSFET
18N50G-TF2-T UTC-18N50G-TF2-T Datasheet
209Kb / 6P
   18A, 500V N-CHANNEL POWER MOSFET
More results

Similar Description - 18N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N50 UTC-2N50 Datasheet
173Kb / 6P
   2 Amps, 500 Volts N-CHANNEL POWER MOSFET
7N50 UTC-7N50 Datasheet
171Kb / 6P
   7 Amps, 500 Volts N-CHANNEL POWER MOSFET
12N50 UTC-12N50 Datasheet
171Kb / 6P
   12 Amps, 500 Volts N-CHANNEL POWER MOSFET
16N50 UTC-16N50 Datasheet
170Kb / 6P
   16 Amps, 500 Volts N-CHANNEL POWER MOSFET
6N50 UTC-6N50 Datasheet
172Kb / 6P
   6 Amps, 500 Volts N-CHANNEL POWER MOSFET
24N50 UTC-24N50 Datasheet
163Kb / 6P
   24 Amps, 500 Volts N-CHANNEL POWER MOSFET
1N50 UTC-1N50 Datasheet
169Kb / 6P
   1.3 Amps, 500 Volts N-CHANNEL POWER MOSFET
3N50 UTC-3N50_11 Datasheet
173Kb / 6P
   3 Amps, 500 Volts N-CHANNEL POWER MOSFET
4N50 UTC-4N50 Datasheet
171Kb / 6P
   4 Amps, 500 Volts N-CHANNEL POWER MOSFET
8N50 UTC-8N50 Datasheet
171Kb / 6P
   8 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com