Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15N65G-T47-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 15N65G-T47-T
Description  15 Amps, 650 Volts N-CHANNEL MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

15N65G-T47-T Datasheet(HTML) 5 Page - Unisonic Technologies

  15N65G-T47-T Datasheet HTML 1Page - Unisonic Technologies 15N65G-T47-T Datasheet HTML 2Page - Unisonic Technologies 15N65G-T47-T Datasheet HTML 3Page - Unisonic Technologies 15N65G-T47-T Datasheet HTML 4Page - Unisonic Technologies 15N65G-T47-T Datasheet HTML 5Page - Unisonic Technologies 15N65G-T47-T Datasheet HTML 6Page - Unisonic Technologies 15N65G-T47-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
15N65
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-481.a
VDS
+
-
DUT
RG
dv/dt controlled by RG
ISD controlled by pulse period
VDD
Peak Diode Recovery dv/dt Test Circuit & Waveforms
Same Type
as DUT
ISD
VGS
L
VGS
(Driver)
ISD
(DUT)
VDS
(DUT)
D=
Gate Pulse Width
Gate Pulse Period
10V
di/dt
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
VDD
VSD
Body Diode Forward
Voltage Drop
IFM, Body Diode Forward Current
Driver


Similar Part No. - 15N65G-T47-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N65G-T47-T UTC-15N65G-T47-T Datasheet
186Kb / 6P
   15A, 650V N-CHANNEL POWER MOSFET
More results

Similar Description - 15N65G-T47-T

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK8N65PD FS-FTK8N65PD Datasheet
584Kb / 7P
   8.0 Amps, 650 Volts N-CHANNEL MOSFET
logo
Chongqing Pingwei Enter...
20N65Y CHONGQING-20N65Y Datasheet
481Kb / 7P
   20 Amps,650 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK8N65P FS-FTK8N65P Datasheet
584Kb / 7P
   8.0 Amps, 650 Volts N-CHANNEL MOSFET
FTK2N65P FS-FTK2N65P Datasheet
346Kb / 7P
   2 Amps, 650 Volts N-CHANNEL MOSFET
FTK7N65D FS-FTK7N65D Datasheet
615Kb / 7P
   7.0 Amps, 650 Volts N-CHANNEL MOSFET
FTK12N65P FS-FTK12N65P Datasheet
427Kb / 7P
   12 Amps, 650 Volts N-CHANNEL MOSFET
FTK10N65PD FS-FTK10N65PD Datasheet
289Kb / 7P
   10 Amps, 650 Volts N-CHANNEL MOSFET
FTK12N65PD FS-FTK12N65PD Datasheet
427Kb / 7P
   12 Amps, 650 Volts N-CHANNEL MOSFET
FTK10N65P FS-FTK10N65P Datasheet
289Kb / 7P
   10 Amps, 650 Volts N-CHANNEL MOSFET
FTK12N65F-F FS-FTK12N65F-F Datasheet
482Kb / 7P
   12 Amps, 650 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com