Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19N10L-TM3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 19N10L-TM3-T
Description  100V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

19N10L-TM3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  19N10L-TM3-T Datasheet HTML 1Page - Unisonic Technologies 19N10L-TM3-T Datasheet HTML 2Page - Unisonic Technologies 19N10L-TM3-T Datasheet HTML 3Page - Unisonic Technologies 19N10L-TM3-T Datasheet HTML 4Page - Unisonic Technologies 19N10L-TM3-T Datasheet HTML 5Page - Unisonic Technologies 19N10L-TM3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
19N10
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-261.D
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
± 25
V
Continuous Drain Current
ID
15.6
A
Pulsed Drain Current (Note 2)
IDM
62.4
A
Avalanche Current (Note 2)
IAR
15.6
A
Single Pulsed Avalanche Energy (Note 3)
EAS
220
mJ
Repetitive Avalanche Energy (Note 2)
EAR
5.0
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
6.0
V/ns
TO-251/TO-252
50
W
TO-220/TO-263
62.5
W
Power Dissipation
TO-3P
PD
178
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note:1.
2.
3.
4.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width limited by TJ(MAX)
L=1.35mH, IAS=15.6A, VDD=25V, RG=25 Ω, Starting TJ=25°C
ISD≤19A, di/dt ≤ 300A/µs, VDD≤BVDSS, Starting TJ=25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-251/TO-252
50
°C/W
TO-220/TO-263
62.5
°C/W
Junction to Ambient
TO-3P
θJA
40
°C/W
TO-251/TO-252
2.5
°C/W
TO-220/TO-263
2.0
°C/W
Junction to Case
TO-3P
θJC
0.7
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
100
V
Breakdown Voltage Temperature
Coefficient
∆BVDSS/∆TJ
ID=250µA,
Referenced to 25°C
0.1
V/°C
Drain-Source Leakage Current
IDSS
VDS=100V, VGS=0V
1
µA
Forward
VGS=25V, VDS=0V
100
Gate-Source Leakage Current
Reverse
IGSS
VGS=-25V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-Resistance
RDS(ON)
VGS=10V, ID=7.8A
0.078
0.1
Forward Transconductance
gFS
VDS=40V, ID=7.8A (Note 1)
11
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
600
780
pF
Output Capacitance
COSS
165
215
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1.0MHz
32
40
pF


Similar Part No. - 19N10L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
19N10L-TM3-T UTC-19N10L-TM3-T Datasheet
195Kb / 6P
   100V N-Channel MOSFET
19N10L-TM3-T UTC-19N10L-TM3-T Datasheet
333Kb / 8P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
VBsemi Electronics Co.,...
19N10L-TM3-T VBSEMI-19N10L-TM3-T Datasheet
1Mb / 8P
   P-Channel 30 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
19N10L-TM3-T DOINGTER-19N10L-TM3-T Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - 19N10L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com