Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25N06 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 25N06
Description  N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

25N06 Datasheet(HTML) 2 Page - Unisonic Technologies

  25N06 Datasheet HTML 1Page - Unisonic Technologies 25N06 Datasheet HTML 2Page - Unisonic Technologies 25N06 Datasheet HTML 3Page - Unisonic Technologies 25N06 Datasheet HTML 4Page - Unisonic Technologies 25N06 Datasheet HTML 5Page - Unisonic Technologies 25N06 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
25N06
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-450.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage (VGS=0)
VDS
60
V
Drain-Gate Voltage (RGS=20kΩ)
VDGR
60
V
Gate-Source Voltage
VGS
± 20
V
TC=25°C
25
A
Drain Current (Continuous)
TC=100°C
ID
17
A
Drain Current (Pulsed) (Note 2)
IDM
100
A
Single Pulse Avalanche Energy
(starting TJ =25°C, ID =25A, VDD =25 V)
EAS
100
mJ
Total Dissipation at TC=25°C
PD
90
W
Maximum Operating Junction Temperature
TJ
175
°C
Storage Temperature
TSTG
-65 ~ +175
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by safe operating area
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
1.57
°C/W


Similar Part No. - 25N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
25N06 UTC-25N06 Datasheet
186Kb / 6P
   25A, 60V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
25N06 ISC-25N06 Datasheet
65Kb / 2P
   Fast Switching
logo
Guangdong Youtai Semico...
25N06 UMW-25N06 Datasheet
780Kb / 8P
   60V N-Channel Power Mosfet
logo
Unisonic Technologies
25N06G-TA3-T UTC-25N06G-TA3-T Datasheet
186Kb / 6P
   25A, 60V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
25N06G-TA3-T VBSEMI-25N06G-TA3-T Datasheet
2Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - 25N06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH60N10 STMICROELECTRONICS-STH60N10 Datasheet
246Kb / 11P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP15N05L STMICROELECTRONICS-STP15N05L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
November 1996
IRF630FI STMICROELECTRONICS-IRF630FI Datasheet
190Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP3N50XI STMICROELECTRONICS-STP3N50XI Datasheet
289Kb / 7P
   N-CHANNEL enhancement mode power mos transistor
STD2NA60 STMICROELECTRONICS-STD2NA60 Datasheet
172Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3N30L STMICROELECTRONICS-STD3N30L Datasheet
170Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3NA50 STMICROELECTRONICS-STD3NA50 Datasheet
172Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP53N08 STMICROELECTRONICS-STP53N08 Datasheet
77Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP5N30L STMICROELECTRONICS-STP5N30L Datasheet
198Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP32N05L STMICROELECTRONICS-STP32N05L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP32N06L STMICROELECTRONICS-STP32N06L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com