Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50N60L-TM3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 50N60L-TM3-T
Description  50 Amps, 60 Volts N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

50N60L-TM3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  50N60L-TM3-T Datasheet HTML 1Page - Unisonic Technologies 50N60L-TM3-T Datasheet HTML 2Page - Unisonic Technologies 50N60L-TM3-T Datasheet HTML 3Page - Unisonic Technologies 50N60L-TM3-T Datasheet HTML 4Page - Unisonic Technologies 50N60L-TM3-T Datasheet HTML 5Page - Unisonic Technologies 50N60L-TM3-T Datasheet HTML 6Page - Unisonic Technologies 50N60L-TM3-T Datasheet HTML 7Page - Unisonic Technologies 50N60L-TM3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
50N06
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-088.E
50 Amps, 60 Volts
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 50N06 is three-terminal silicon device with current
conduction capability of about 50A, fast switching speed. Low
on-state resistance, breakdown voltage rating of 60V, and max
threshold voltages of 4 volt.
It is mainly suitable electronic ballast, and low power switching
mode power appliances.
FEATURES
* RDS(ON) = 23mΩ@VGS = 10 V
* Ultra low gate charge ( typical 30 nC )
* Low reverse transfer capacitance ( CRSS = typical 80 pF )
* Fast switching capability
* 100% avalanche energy specified
* Improved dv/dt capability
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
1
TO-220F
TO-252
TO-251
1
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
50N06L-TA3-T
50N06G-TA3-T
TO-220
G
D
S
Tube
50N06L-TF3-T
50N06G-TF3-T
TO-220F
G
D
S
Tube
50N60L-TM3-T
50N60G-TM3-T
TO-251
G
D
S
Tube
50N06L-TN3-R
50N06G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source
(1) R: Tape Reel, T: Tube
(2) TA3: TO-220, TF3: TO-220F, TN3: TO-252,
TM3: TO-251
(3) G: Halogen Free, L: Lead Free
50N06L-TA3-T
(1)Packing Type
(2)Package Type
(3)Lead Plating


Similar Part No. - 50N60L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
50N60L-TM3-T UTC-50N60L-TM3-T Datasheet
345Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 50N60L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UFZ44 UTC-UFZ44 Datasheet
212Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06 Datasheet
145Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
50N06 UTC-50N06_13 Datasheet
345Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
50N06 KIA-50N06 Datasheet
338Kb / 6P
   50 Amps, 60 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
60N06 UTC-60N06 Datasheet
201Kb / 8P
   60 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
   0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
   150 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
   300m Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com