Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78MXXG-T92-B Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 78MXXG-T92-B
Description  3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78MXXG-T92-B Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button 78MXXG-T92-B Datasheet HTML 2Page - Unisonic Technologies 78MXXG-T92-B Datasheet HTML 3Page - Unisonic Technologies 78MXXG-T92-B Datasheet HTML 4Page - Unisonic Technologies 78MXXG-T92-B Datasheet HTML 5Page - Unisonic Technologies 78MXXG-T92-B Datasheet HTML 6Page - Unisonic Technologies 78MXXG-T92-B Datasheet HTML 7Page - Unisonic Technologies 78MXXG-T92-B Datasheet HTML 8Page - Unisonic Technologies 78MXXG-T92-B Datasheet HTML 9Page - Unisonic Technologies 78MXXG-T92-B Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
78MXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R101-004,H
ELECTRICAL CHARACTERISTICS (Cont.)
FOR 78M18
(Refer to the test circuits, TMIN≤TJ≤125°C,IOUT=350mA,VIN=26V,unless otherwise specified, Ci=0.33μF,Co=0.1μF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ =25°C
17.28 18.0
18.72
V
Output Voltage
VOUT
VIN =20.5V to 33V
IOUT=5mA~350mA
17.10
18.90
V
TJ =25°C,IOUT=5mA~0.5A
360
mV
Load Regulation
ΔVOUT
TJ =25°C,IOUT=5mA~200mA
180
mV
VIN=21V to 33V
TJ =25°C, IOUT =200mA
100
mV
Line regulation
ΔVOUT
VIN =24V to 33V,
TJ =25°C, IOUT =200mA
50
mV
Quiescent Current
IQ
TJ =25°C
4.2
6
mA
VIN =21V to 33V, IOUT =200mA
0.8
mA
Quiescent Current Change
ΔIQ
IOUT=5mA~350mA
0.5
mA
Output Noise Voltage
eN
10HzM≤f≤100KHz
100
μV
Ripple Rejection
RR
VIN=22V to 32V,f=120Hz
IOUT =300mA
53
dB
Peak Output Current
IPEAK
TJ =25°C
700
mA
Short-Circuit Current
ISC
VIN=35V, TJ =25°C
300
mA
Dropout Voltage
VD
TJ =25°C
2.0
V
FOR 78M24
(Refer to the test circuits, TMIN≤TJ≤125°C,IOUT=350mA,VIN=33V,unless otherwise specified, Ci=0.33μF,Co=0.1μF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ =25°C
23.04 24.0
24.96
V
Output Voltage
VOUT
VIN =27V to 38V
IOUT=5mA-350mA
22.80
25.20
V
TJ =25°C,IOUT=5mA~0.5A
480
mV
Load Regulation
ΔVOUT
TJ =25°C,IOUT=5mA~200mA
240
mV
VIN =27V to 38V
TJ =25°C,IOUT=200mA
100
mV
Line regulation
ΔVOUT
VIN =28V to 38V
TJ =25°C,IOUT=200mA
50
mV
Quiescent Current
IQ
TJ =25°C,
4.2
6.0
mA
VIN =27V to 38V,IOUT=200mA
0.8
mA
Quiescent Current Change
ΔIQ
IOUT=5mA~350mA
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100KHz
170
μV
Ripple Rejection
RR
VIN =28V to 38V,f=120Hz
IOUT=300mA
50
dB
Peak Output Current
IPEAK
TJ =25°C
700
mA
Short-Circuit Current
ISC
VIN=35V, TJ =25°C
300
mA
Dropout Voltage
VD
TJ =25°C
2.0
V
Notes 1. The Maximum steady state usable output current is dependent on input voltage, heat sinking, lead
length of the package and copper pattern of PCB. The data above represents pulse test conditions with
junction temperatures specified at the initiation of test.
2. Power dissipation<0.5W


Similar Part No. - 78MXXG-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78MXXG-T92-B UTC-78MXXG-T92-B Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXXG-T92-B UTC-78MXXG-T92-B Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXXG-T92-B UTC-78MXXG-T92-B Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXXG-T92-B UTC-78MXXG-T92-B Datasheet
358Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78MXXG-T92-B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com