Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78MXXG-TA3-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 78MXXG-TA3-T
Description  3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78MXXG-TA3-T Datasheet(HTML) 4 Page - Unisonic Technologies

  78MXXG-TA3-T Datasheet HTML 1Page - Unisonic Technologies 78MXXG-TA3-T Datasheet HTML 2Page - Unisonic Technologies 78MXXG-TA3-T Datasheet HTML 3Page - Unisonic Technologies 78MXXG-TA3-T Datasheet HTML 4Page - Unisonic Technologies 78MXXG-TA3-T Datasheet HTML 5Page - Unisonic Technologies 78MXXG-TA3-T Datasheet HTML 6Page - Unisonic Technologies 78MXXG-TA3-T Datasheet HTML 7Page - Unisonic Technologies 78MXXG-TA3-T Datasheet HTML 8Page - Unisonic Technologies 78MXXG-TA3-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
78MXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R101-004,H
ABSOLUTE MAXIMUM RATINGS
(Operating temperature range applies unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
VOUT=5~18V
35
V
Input Voltage
VOUT=24V
VIN
40
V
Output Current
IOUT
0.5
A
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature Range
TOPR
-40 ~ +85
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
FOR UTC78M05
(Refer to the test circuits, TMIN≤TJ≤125°C, IOUT=350mA, VIN=10V, unless otherwise specified, Ci=0.33μF,Co=0.1μF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
TJ=25°C
4.80
5.0
5.20
V
Output Voltage
VOUT
IOUT=5mA ~ 350mA
VIN=7~ 20V
4.75
5.25
V
TJ =25°C, IOUT=5mA~0.5A
100
mV
Load Regulation
ΔVOUT
TJ =25°C, IOUT=5mA~200mA
50
mV
VIN =7 ~ 25V, TJ =25°C, IOUT=200mA
100
mV
Line regulation
ΔVOUT
VIN =8 ~ 25V, TJ =25°C, IOUT=200mA
50
mV
Quiescent Current
IQ
TJ =25°C
4.0
6.0
mA
VIN =8 ~ 25V, IOUT=200mA
0.8
mA
Quiescent Current Change
ΔIQ
IOUT=5mA~350mA
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100KHz
40
μV
Ripple Rejection
RR
VIN =8 ~ 18V, f=120Hz
IOUT=300mA
62
dB
Peak Output Current
IPEAK
TJ =25°C
700
mA
Short-Circuit Current
ISC
VIN=35V, TJ =25°C
300
mA
Dropout Voltage
VD
TJ =25°C, IOUT=500mA
2.0
V
FOR UTC78M06
(Refer to the test circuits, TMIN≤TJ≤125°C, IOUT=350mA,VIN=11V, unless otherwise specified, Ci=0.33μF,Co=0.1μF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
TJ =25°C, IOUT=5~350mA
5.76
6.0
6.24
V
Output Voltage
VOUT
VIN =8 ~ 21V,
IOUT=5mA~350mA
5.70
6.30
V
TJ =25°C, IOUT=5mA~0.5A
120
mV
Load Regulation
ΔVOUT
TJ =25°C, IOUT=5mA~200mA
60
mV
VIN=8V ~ 25V, TJ =25°C, IOUT=200mA
100
mV
Line regulation
ΔVOUT
VIN=9V ~ 25V, TJ =25°C, IOUT=200mA
50
mV
Quiescent Current
IQ
TJ =25°C
4.0
6
mA
IOUT=5mA ~ 350mA
0.5
mA
Quiescent Current Change
ΔIQ
VIN=9V~ 25V, IOUT=200mA
0.8
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
45
μV
Ripple Rejection
RR
VIN=9V ~ 19V, f=120Hz, TJ =25°C
IOUT=300mA
59
dB
Peak Output Current
IPEAK
TJ =25°C
700
mA
Short-Circuit Current
ISC
VIN=35V, TJ =25°C
300
mA
Dropout Voltage
VD
TJ =25°C
2.0
V


Similar Part No. - 78MXXG-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78MXXG-TA3-T UTC-78MXXG-TA3-T Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXXG-TA3-T UTC-78MXXG-TA3-T Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXXG-TA3-T UTC-78MXXG-TA3-T Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXXG-TA3-T UTC-78MXXG-TA3-T Datasheet
358Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78MXXG-TA3-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com