Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82N17 Datasheet(PDF) 11 Page - Unisonic Technologies

Part # 82N17
Description  VOLTAGE DETECTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82N17 Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button 82N17 Datasheet HTML 5Page - Unisonic Technologies 82N17 Datasheet HTML 6Page - Unisonic Technologies 82N17 Datasheet HTML 7Page - Unisonic Technologies 82N17 Datasheet HTML 8Page - Unisonic Technologies 82N17 Datasheet HTML 9Page - Unisonic Technologies 82N17 Datasheet HTML 10Page - Unisonic Technologies 82N17 Datasheet HTML 11Page - Unisonic Technologies 82N17 Datasheet HTML 12Page - Unisonic Technologies 82N17 Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
82NXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 13
www.unisonic.com.tw
QW-R502-057,E
TYPICAL CHARACTERISTICS
82N29
Ta=25°C
0
12
0
1
2
Output Voltage vs. Input Voltage
Input Voltage, VIN(V)
3
3
04
2.5
6
2
8
10
0
3.0
3.5
2.0
1.5
Input Voltage, VIN (V)
0.5
1.0
Ta=25°C
Supply Current vs. Input Voltage
01.0
2.0
0.5
2.5
0
24
18
12
6
VDS (V)
Ta=25°C
1.5V
2.0V
N-ch Driver Output vs. VDS
1.5
VIN=2.5V
1.0V
N-ch Driver Output vs. VDS
0
0.4
500
0.2
0.6
0.8
0
400
300
1.0
VDS (V)
100
200
VIN=0.8V
0.7V
Ta=25°C
Input Voltage, VIN (V)
0
1.0
12
0.5
1.5
2.0
0
16
20
8
2.5
4
3.0
VDS=0.5V
Ta=25°C
Driver Output Current vs. Input Voltage
3.5


Similar Part No. - 82N17

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
82N17-AB3-G-B UTC-82N17-AB3-G-B Datasheet
239Kb / 17P
   VOLTAGE DETECTORS
82N17-AB3-I-B UTC-82N17-AB3-I-B Datasheet
239Kb / 17P
   VOLTAGE DETECTORS
82N17-AB3-I-K UTC-82N17-AB3-I-K Datasheet
239Kb / 17P
   VOLTAGE DETECTORS
82N17-AB3-O-B UTC-82N17-AB3-O-B Datasheet
239Kb / 17P
   VOLTAGE DETECTORS
82N17-AE3-G-B UTC-82N17-AE3-G-B Datasheet
239Kb / 17P
   VOLTAGE DETECTORS
More results

Similar Description - 82N17

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com