Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5302 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 5302
Description  HIGH VOLTAGE NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5302 Datasheet(HTML) 4 Page - Unisonic Technologies

  5302 Datasheet HTML 1Page - Unisonic Technologies 5302 Datasheet HTML 2Page - Unisonic Technologies 5302 Datasheet HTML 3Page - Unisonic Technologies 5302 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5302
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R213-020.A
TYPICAL CHARACTERISTICS
0
0
Collector Current VS. BVCEO
Collector-Emitter Breakdown Voltage ,BVCEO (V)
6
12
500
100
200 300
400
2
4
8
10
14
0 0
Collector Current VS. BVCBO
Collector-Base Breakdown Voltage ,BVCBO (V)
600
1200
200
400
600
800
1000
200
400
800
1000
1400
600
0
0
Emitter Current VS. BVEBO
Emitter-Base Breakdown Voltage ,BVEBO (V)
60
120
2
20
46
810 12 14 16 18
20
40
80
100
140
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 5302

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5302 POMONA-5302 Datasheet
24Kb / 1P
   SMD Grabber Test Clip To Stacking Banana Plug
logo
Knowles Electronics
5302 KNOWLES-5302 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Pomona Electronics
5302-12-0 POMONA-5302-12-0 Datasheet
24Kb / 1P
   SMD Grabber Test Clip To Stacking Banana Plug
5302-12-1 POMONA-5302-12-1 Datasheet
24Kb / 1P
   SMD Grabber Test Clip To Stacking Banana Plug
5302-12-2 POMONA-5302-12-2 Datasheet
24Kb / 1P
   SMD Grabber Test Clip To Stacking Banana Plug
More results

Similar Description - 5302

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com