Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8561L-D08-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 8561L-D08-T
Description  POWER FACTOR CORRECTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8561L-D08-T Datasheet(HTML) 6 Page - Unisonic Technologies

  8561L-D08-T Datasheet HTML 1Page - Unisonic Technologies 8561L-D08-T Datasheet HTML 2Page - Unisonic Technologies 8561L-D08-T Datasheet HTML 3Page - Unisonic Technologies 8561L-D08-T Datasheet HTML 4Page - Unisonic Technologies 8561L-D08-T Datasheet HTML 5Page - Unisonic Technologies 8561L-D08-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
8561
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-444.a
TYPICAL APPLICATION CIRCUIT
(
80W, Wide-range Mains)
FUSE 4A/250V
Vac
(85V ~ 265V)
+
BRIDGE
4×1N4077
C1
400V
R10
10K
C2
22μF
25V
C7
10nF
240K
R3(*)
D3 1N4150
D2
1N5248B
12nF
R2
100
C6
R1
68K
T
1μF
R5
10
R6(*)
0.41
1W
R8
6.34K
1%
MOS
STP8NA50
C5
47μF
450V
VOUT=400V
PO=80W
+
R7(*)
998K
D1 BYT13-600
8
3
5
21
7
4
6
UTC 8561
TRANSFORMER
T: core THOMSON-CSF B1ET2910A(ETD29×16×10mm)OR EQUIVALENT (OREGA 473201A8)
primary 90T of Litz wire 10×0.2mm
secondary 7T of #27 AWG (0.15mm)
gap 1.25mm for a total primary inductance of 0.8mH
-
NTC
R9(*)
1.24M
-
1μF
C3
R3 = 2×120KΩ
R6 = 0.82Ω /2
R7 = 2×499KΩ, 1%
R9 = 2×620KΩ
(*)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 8561L-D08-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8561 ETC2-8561 Datasheet
310Kb / 1P
   PHENOLIC INSTRUMENT CASES
logo
PHOENIX CONTACT
8561 PHOENIX-8561 Datasheet
315Kb / 22P
   AXL E S3 DI16 M12 6P
logo
3M Electronics
8561 3M-8561 Datasheet
100Kb / 2P
   Polyurethane Protective Tape
logo
FIBOX Enclosing innovat...
8561001 FIBOX-8561001 Datasheet
57Kb / 2P
   PC Enclosure
8561003 FIBOX-8561003 Datasheet
67Kb / 2P
   PC Enclosure
25.01.2023
More results

Similar Description - 8561L-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L6560 STMICROELECTRONICS-L6560 Datasheet
123Kb / 11P
   POWER FACTOR CORRECTOR
June 2000
L4981AD013TR STMICROELECTRONICS-L4981AD013TR Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
   POWER FACTOR CORRECTOR
UA7524 UTC-UA7524_15 Datasheet
204Kb / 5P
   POWER FACTOR CORRECTOR
logo
AUK corp
S6500 AUK-S6500 Datasheet
492Kb / 7P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
   POWER FACTOR CORRECTOR
September 1998
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
   POWER FACTOR CORRECTOR
E-L6561D013TR STMICROELECTRONICS-E-L6561D013TR Datasheet
180Kb / 13P
   POWER FACTOR CORRECTOR
L4981A STMICROELECTRONICS-L4981A_01 Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com