Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN8850 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # AN8850
Description  MOTOR CONTROL CIRCUITS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

AN8850 Datasheet(HTML) 4 Page - Unisonic Technologies

  AN8850 Datasheet HTML 1Page - Unisonic Technologies AN8850 Datasheet HTML 2Page - Unisonic Technologies AN8850 Datasheet HTML 3Page - Unisonic Technologies AN8850 Datasheet HTML 4Page - Unisonic Technologies AN8850 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AN8850
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-507.a
TYPICAL APPLICATION CIRCUIT
8
7
6
5
1
2
3
4
UTC
AN8850
M
+
-
1µF
10V
0.4Ω
(3900ppm/°C)
VCC
510Ω
VR
1kB
9.1kΩ
(2000ppm/°C)
1000pF
0.1µF
Motor
Ra=4Ω
Motor Constants
Ra : Internal resistor = 4Ω
Ka : Electromotive force constant = 0.4mV/rpm
KT : Torque constant = 30g · cm/A
Speed Control Circuit with 3V Core Motor


Similar Part No. - AN8850

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
AN8850G-D08-T UTC-AN8850G-D08-T Datasheet
160Kb / 5P
   MOTOR CONTROL CIRCUITS
AN8850L-D08-T UTC-AN8850L-D08-T Datasheet
160Kb / 5P
   MOTOR CONTROL CIRCUITS
AN8850 UTC-AN8850_15 Datasheet
160Kb / 5P
   MOTOR CONTROL CIRCUITS
More results

Similar Description - AN8850

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
AN8850 UTC-AN8850_15 Datasheet
160Kb / 5P
   MOTOR CONTROL CIRCUITS
logo
Panasonic Semiconductor
AN6650 PANASONIC-AN6650 Datasheet
93Kb / 4P
   Motor Control Circuits
AN6612 PANASONIC-AN6612 Datasheet
29Kb / 2P
   Motor Control Circuits
logo
STMicroelectronics
T1235T-8T STMICROELECTRONICS-T1235T-8T Datasheet
271Kb / 9P
   Motor control circuits
July 2014 Rev 3
TN1610H-6FP STMICROELECTRONICS-TN1610H-6FP Datasheet
329Kb / 9P
   Motor control circuits and starters
February 2015 Rev 1
logo
IXYS Corporation
IXFE44N50QD2 IXYS-IXFE44N50QD2 Datasheet
546Kb / 2P
   Buck & Boost Configurations for PFC & Motor Control Circuits
logo
Mitsubishi Electric Sem...
M51971L MITSUBISHI-M51971L Datasheet
387Kb / 13P
   MOTOR SPEED CONTROL
logo
Nell Semiconductor Co.,...
1000PT NELLSEMI-1000PT Datasheet
489Kb / 2P
   DC motor control
logo
Littelfuse
MG12100W-XN2MM LITTELFUSE-MG12100W-XN2MM Datasheet
1Mb / 6P
   AC motor control
logo
Wuxi Youda electronics ...
YD6651 YOUDA-YD6651 Datasheet
75Kb / 3P
   MOTOR CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com