Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88289HL Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY88289HL
Description  3.3V, 3.2Gbps High-Gain CML Limiting Amplifier with High-sensitivity Loss-of-Signal Detection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88289HL Datasheet(HTML) 7 Page - Micrel Semiconductor

  SY88289HL Datasheet HTML 1Page - Micrel Semiconductor SY88289HL Datasheet HTML 2Page - Micrel Semiconductor SY88289HL Datasheet HTML 3Page - Micrel Semiconductor SY88289HL Datasheet HTML 4Page - Micrel Semiconductor SY88289HL Datasheet HTML 5Page - Micrel Semiconductor SY88289HL Datasheet HTML 6Page - Micrel Semiconductor SY88289HL Datasheet HTML 7Page - Micrel Semiconductor SY88289HL Datasheet HTML 8Page - Micrel Semiconductor SY88289HL Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Micrel, Inc.
SY88289HL
August 2007
7
M9999-082007-A
hbwhelp@micrel.com or (408) 955-1690
Figure 1. VIS and VID Definition
Figure 2. Input Structure
Figure 3. Output Structure
Figure 4. Input Structure
Figure 5. LOSLVL Setting Circuit


Similar Part No. - SY88289HL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289AL MICREL-SY88289AL Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289ALMG MICREL-SY88289ALMG Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289ALMG MICREL-SY88289ALMG Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289ALMGTR MICREL-SY88289ALMGTR Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
More results

Similar Description - SY88289HL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88289CL MICREL-SY88289CL Datasheet
348Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343HL MICREL-SY88343HL Datasheet
472Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343BL MICREL-SY88343BL Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL Datasheet
314Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL_07 Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88289BL MICREL-SY88289BL Datasheet
332Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
SY88347DL MICREL-SY88347DL Datasheet
285Kb / 9P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com