Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88289HLMG Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88289HLMG
Description  3.3V, 3.2Gbps High-Gain CML Limiting Amplifier with High-sensitivity Loss-of-Signal Detection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88289HLMG Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88289HLMG Datasheet HTML 1Page - Micrel Semiconductor SY88289HLMG Datasheet HTML 2Page - Micrel Semiconductor SY88289HLMG Datasheet HTML 3Page - Micrel Semiconductor SY88289HLMG Datasheet HTML 4Page - Micrel Semiconductor SY88289HLMG Datasheet HTML 5Page - Micrel Semiconductor SY88289HLMG Datasheet HTML 6Page - Micrel Semiconductor SY88289HLMG Datasheet HTML 7Page - Micrel Semiconductor SY88289HLMG Datasheet HTML 8Page - Micrel Semiconductor SY88289HLMG Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Micrel, Inc.
SY88289HL
August 2007
3
M9999-082007-A
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC) .................................... 0V to +4.0V
Input Voltage (DIN, /DIN) ................................... 0 to VCC
Output Current (IOUT)
Continuous…………….. ………………………±25mA
/EN Voltage ........................................................ 0 to VCC
VREF Current……………………………-800µA to +500µA
LOSLVL Voltage.............................................. VREF to VCC
Lead Temperature (soldering, 20sec.) .................. 260°C
Storage Temperature (Ts) .....................-65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VCC)..............................+3.0V to +3.6V
Ambient Temperature (TA)....................–40°C to +85°C
Junction Temperature (TJ) ..................–40°C to +125°C
Junction Thermal Resistance
(3)
QFN (
θ
JA)
Still-air ..................................................... 61°C/W
QFN (
Ψ
JB)
Junction-to-board .....................................38
oC/W
DC Electrical Characteristics
VCC = 3.0V to 3.6V; RL = 50
Ω to V
CC; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICC
Power Supply Current
No output load
42
62
mA
LOSLVL
LOSLVL Voltage
VREF
VCC
V
VOH
CML Output HIGH Voltage
VCC-0.020
VCC-0.005
VCC
V
VOL
CML Output LOW Voltage
VCC = 3.3V
VCC-0.475
VCC-0.400
VCC-0.350
V
VOFFSET
Differential Output Offset
±80
mV
VREF
Reference Voltage
VCC-1.28
V
VIHCMR
Input Common Mode Range
GND+2.0
VCC
V
TTL DC Electrical Characteristics
VCC = 3.0V to 3.6V; RL = 50
Ω to V
CC; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
/EN Input HIGH Voltage
2.0
VIL
/EN Input LOW Voltage
0.8
V
IIH
/EN Input HIGH Current
VIN = 2.7V
VIN = VCC
20
100
µA
µA
IIL
/EN Input LOW Current
VIN = 0.5V
-300
µA
VOH
LOS Output High Level
VOUT
≥ 3.3V, IOH (MAX) < 160µA
2.4
V
VOUT < 3.3V, IOH (MAX) < 160µA
2.0
V
VOL
LOS Output LOW Level
Sinking 2mA
0.5
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential (GND) on the PCB.
Ψ
JB
uses 4-layer (
θ
JA) in still-air-number, unless otherwise stated.


Similar Part No. - SY88289HLMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289AL MICREL-SY88289AL Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289ALMG MICREL-SY88289ALMG Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289ALMG MICREL-SY88289ALMG Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289ALMGTR MICREL-SY88289ALMGTR Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
More results

Similar Description - SY88289HLMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88289CL MICREL-SY88289CL Datasheet
348Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343HL MICREL-SY88343HL Datasheet
472Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343BL MICREL-SY88343BL Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL Datasheet
314Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL_07 Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88289BL MICREL-SY88289BL Datasheet
332Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
SY88347DL MICREL-SY88347DL Datasheet
285Kb / 9P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com