Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB179 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BB179
Description  UHF VARIABLE CAPACITANCE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BB179 Datasheet(HTML) 2 Page - Unisonic Technologies

  BB179 Datasheet HTML 1Page - Unisonic Technologies BB179 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BB179
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R601-033.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Continuous Reverse Voltage
VR
30
V
Peak Reverse Voltage (In series with a 10 kΩ resistor)
VRM
35
V
Continuous Forward Current
IF
20
mA
Storage Temperature
TSTG
-40~+150
°C
Operating Junction Temperature
TJ
-40~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VR = 30 V
10
nA
Reverse Current
IR
VR = 30 V, TJ=85 °C
200
nA
Diode Series Resistance
rS
f = 470 MHz, VR is the value at
which Cd=9pF
0.6
0.75
VR = 1 V, f = 1 MHz
18.22
21.26 pF
Diode Capacitance
Cd
VR = 28 V, f = 1 MHz
1.951
2.225 pF
Capacitance Ratio
d(2V)
d(1V)
C
C
f = 1 MHz
1.27
Capacitance Ratio
d(28V)
d(1V)
C
C
f = 1 MHz
8.45
10.9
Capacitance Ratio
d(28V)
d(25V)
C
C
f = 1 MHz
1.05
Capacitance Matching
d
d
C
ΔC
VR = 1~28 V, in a sequence of
15 diodes (gliding)
2
%
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - BB179

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB179 PHILIPS-BB179 Datasheet
48Kb / 8P
   UHF variable capacitance diode
1997 Nov 13
logo
Leshan Radio Company
BB179 LRC-BB179 Datasheet
140Kb / 2P
   UHF variable capacitance diode
logo
NXP Semiconductors
BB179 NXP-BB179 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BB179B PHILIPS-BB179B Datasheet
48Kb / 8P
   UHF variable capacitance diode
1997 Nov 13
logo
Leshan Radio Company
BB179B LRC-BB179B Datasheet
136Kb / 2P
   UHF variable capacitance diode
More results

Similar Description - BB179

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BB179 LRC-BB179 Datasheet
140Kb / 2P
   UHF variable capacitance diode
logo
NXP Semiconductors
BB146 PHILIPS-BB146 Datasheet
29Kb / 4P
   UHF variable capacitance diode
1996 Sep 20
BB149A PHILIPS-BB149A Datasheet
53Kb / 8P
   UHF variable capacitance diode
1997 Dec 17
BB215 PHILIPS-BB215 Datasheet
28Kb / 4P
   UHF variable capacitance diode
1996 May 03
BB179BLX NXP-BB179BLX Datasheet
57Kb / 7P
   UHF variable capacitance diode
Rev. 01-29 January 2009
BB189 NXP-BB189 Datasheet
51Kb / 6P
   UHF variable capacitance diode
Rev. 01-8 June 2009
BB149 PHILIPS-BB149_04 Datasheet
43Kb / 7P
   UHF variable capacitance diode
Rev. 05-4 October 2004
BB135 PHILIPS-BB135 Datasheet
53Kb / 8P
   UHF variable capacitance diode
1998 Sep 15
BB149 PHILIPS-BB149 Datasheet
54Kb / 8P
   UHF variable capacitance diode
1998 Sep 15
BB159 PHILIPS-BB159 Datasheet
29Kb / 4P
   UHF variable capacitance diode
1996 Oct 03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com