Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY88307BLEY Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY88307BLEY
Description  3.3V, 3.2Gbps PECL Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88307BLEY Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY88307BLEY Datasheet HTML 3Page - Micrel Semiconductor SY88307BLEY Datasheet HTML 4Page - Micrel Semiconductor SY88307BLEY Datasheet HTML 5Page - Micrel Semiconductor SY88307BLEY Datasheet HTML 6Page - Micrel Semiconductor SY88307BLEY Datasheet HTML 7Page - Micrel Semiconductor SY88307BLEY Datasheet HTML 8Page - Micrel Semiconductor SY88307BLEY Datasheet HTML 9Page - Micrel Semiconductor SY88307BLEY Datasheet HTML 10Page - Micrel Semiconductor SY88307BLEY Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Micrel, Inc.
SY88307BL
November 2007
7
M9999-111507-C
hbwhelp@micrel.com or (408) 955-1690
Functional Block Diagram
Detailed Description
The SY88307BL low-power limiting post amplifiers
operate from a single +3.3V power supply, over
temperatures from –40
oC to +85oC. Signals with data
rates up to 3.2Gbps and as small as 10mVpp can be
amplified. Figure 1 shows the allowed input voltage
swing. The SY88307BL generates a LOS output
allowing feedback to EN/ for output stability. LOSLVL sets
the sensitivity of the input amplitude detection.
Input Amplifier Buffer
Figure 2 shows a simplified schematic of the input
stage. The high-sensitivity of the input amplifier allows
signals as small as 10mVpp to be amplified. The input
amplifier
also
allows
input
signals
as
large
as
1800mVPP. Input signals below 12mVpp are linearly
amplified with a typical 42dB differential voltage gain.
Since it is a limiting amplifier, these devices output
typically 1500mVPP voltage-limited waveforms for input
signals greater than 12mVPP. Applications requiring the
SY88307BL to operate with strong signals should have
the upstream TIA placed as close as possible to the
devices’ input pins. This ensures the best performance
of the device.
Output Buffer
The SY88307BL PECL output buffers are designed to
drive 50
Ω lines. The output buffer requires appropriate
termination for proper operation. An external 50
resistor to VCC-2V for each output pin provides this.
Figure 3 shows a simplified schematic of the output
stage.
Loss-of-Signal
The SY88307BL generates a chatter-free LOS open-
collector TTL output, as shown in Figure 4. LOS is used
to determine that the input amplitude is large enough to
be considered a valid input. LOS asserts high if the input
amplitude falls below the threshold sets by LOSLVL and
de-asserts low otherwise. LOS can be fed back to the
enable bar (EN/) input to maintain output stability under
a loss-of-signal condition. EN/ de-asserts the true output
signal without removing the input signals.
Loss-of-Signal Level Set
Programmable LOS level-set pin (LOSLVL) sets the
threshold of the input amplitude detection. Connecting
an external resistor between VCC and LOSLVL set the
voltage at LOSLVL. This voltage ranges from VCC to VREF.
The external resistor creates a voltage divider between
VCC and VREF, as shown in Figure 5.
Hysteresis
The SY88307BL typically provide 3.5dB LOS electrical
hysteresis. By definition, a power ratio measured in dB
is 10log (power ratio). Power is calculated as V
2
IN / R for
an electrical signal. Hence, the same ratio can be stated
as 20log (voltage ratio). While in linear mode, the
electrical voltage input changes linearly with the optical
power and therefore, the ratios change linearly. Thus,
the optical hysteresis in dB is half the electrical
hysteresis in dB given in the data sheet. Since the
SY88307BL is an electrical device, this data sheet refers
to hysteresis in electrical terms. With 3.5dB LOS
hysteresis, a voltage factor of 1.5 is required to assert or
de-assert LOS.


Similar Part No. - SY88307BLEY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
logo
Microchip Technology
SY88303BL MICROCHIP-SY88303BL Datasheet
947Kb / 19P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
09/14/21
logo
Micrel Semiconductor
SY88303BLEY MICREL-SY88303BLEY Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
SY88303BLEYTR MICREL-SY88303BLEYTR Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
SY88303BLMG MICREL-SY88303BLMG Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
More results

Similar Description - SY88307BLEY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88303BL MICREL-SY88303BL Datasheet
395Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
SY88309BL MICREL-SY88309BL Datasheet
340Kb / 11P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with Wide Signal-Detect Range
SY88347DL MICREL-SY88347DL Datasheet
285Kb / 9P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
logo
Microchip Technology
SY88303BL MICROCHIP-SY88303BL Datasheet
947Kb / 19P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
09/14/21
logo
Micrel Semiconductor
SY88305BL MICREL-SY88305BL Datasheet
391Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Signal-Detect Range
SY88289CL MICREL-SY88289CL Datasheet
348Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL Datasheet
314Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL_07 Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343HL MICREL-SY88343HL Datasheet
472Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com