Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC556-X-T92-B Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BC556-X-T92-B
Description  SWITCHING AND AMPLIFIER APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC556-X-T92-B Datasheet(HTML) 2 Page - Unisonic Technologies

  BC556-X-T92-B Datasheet HTML 1Page - Unisonic Technologies BC556-X-T92-B Datasheet HTML 2Page - Unisonic Technologies BC556-X-T92-B Datasheet HTML 3Page - Unisonic Technologies BC556-X-T92-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC556/557/558
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R201-051.C
ABSOLUTE MAXIMUM RATING (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
BC556
-80
V
BC557
-50
V
Collector-Base Voltage
BC558
VCBO
-30
V
BC556
-65
V
BC557
-45
V
Collector-Emitter Voltage
BC558
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current (DC)
IC
-100
mA
Power Collector Dissipation
625
mW
Linear Derating Factor above (Ta=25°C)
PC
5
mW/°C
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
200
°C/W
Junction to Case
θJc
83.3
°C/W
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
BC556
-65
V
BC557
-45
V
Collector-Emitter Breakdown Voltage
BC558
BVCEO IC=-10mA, IB=0
-30
V
BC556
-80
V
BC557
-50
V
Collector-Base Breakdown Voltage
BC558
BVCBO IC=-100μA
-30
V
Emitter-Base Breakdown Voltage
BVEBO IE=-10μA, IC=0
-5.0
V
Collector Cut-Off Current
ICBO
IE = 0, VCB =-30 V
-15
nA
DC Current Gain
hFE
VCE =-5V, IC=2mA
110
800
IC =-10mA, IB=-0.5mA
-90
-300
mV
Collector-Emitter Saturation Voltage
VCE(SAT)
IC =-100mA, IB=-5mA
-250 -650
mV
IC =-10mA, IB =-0.5mA
-700
mV
Base-Emitter Saturation Voltage
VBE(SAT)
IC =-100mA, IB=-5mA
-900
mV
VCE =-5 V,IC=-2mA
-600 -660 -750
mV
Base-Emitter Turn-On Voltage
VBE(ON)
VCE =-5 V,IC=-10mA
-800
mV
Current Gain Bandwidth Product
fT
VCE=-5V, IC=-10mA, f =10MHz
150
MHz
Output Capacitance
COB
VCB=-10V, IE=0, f=1MHz
6
pF
Noise Figure
NF
VCE=-5V, IC=-200μA
f=1KHz, RG=2KΩ
2
10
dB
CLASSIFICATION OF hFE
RANK
A
B
C
hFE
110 - 220
200 - 450
420 - 800


Similar Part No. - BC556-X-T92-B

ManufacturerPart #DatasheetDescription
logo
Olitech Electronics Co....
BC556 OLITECH-BC556 Datasheet
791Kb / 4P
   FEATURES
logo
Motorola, Inc
BC556 MOTOROLA-BC556 Datasheet
220Kb / 6P
   Amplifier Transistors
logo
Fairchild Semiconductor
BC556 FAIRCHILD-BC556 Datasheet
43Kb / 4P
   Switching and Amplifier
logo
Micro Commercial Compon...
BC556 MCC-BC556 Datasheet
294Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
logo
Foshan Blue Rocket Elec...
BC556 FOSHAN-BC556 Datasheet
804Kb / 6P
   Silicon PNP transistor in a TO-92(R) Plastic Package
More results

Similar Description - BC556-X-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC636 FAIRCHILD-BC636_09 Datasheet
111Kb / 5P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC337 UTC-BC337_11 Datasheet
148Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33716 FAIRCHILD-BC33716 Datasheet
33Kb / 3P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC546 UTC-BC546 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
   Switching and Amplifier Applications
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
   Switching and Amplifier Applications
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Unisonic Technologies
UTCBC337 UTC-UTCBC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC327 UTC-BC327 Datasheet
86Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33740TA FAIRCHILD-BC33740TA Datasheet
33Kb / 3P
   Switching and Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com