Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS138 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BSS138
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BSS138 Datasheet(HTML) 2 Page - Unisonic Technologies

  BSS138 Datasheet HTML 1Page - Unisonic Technologies BSS138 Datasheet HTML 2Page - Unisonic Technologies BSS138 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BSS138
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-271.c
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
50
V
Gate-Source Voltage
VGSS
±20
V
DC
0.22
Continuous Drain Current
Pulse
ID
0.88
A
0.36
W
Power Dissipation
Derate Above 25°C
PD
2.8
mW/°C
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-55 ~ +150
Note:Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
350
/W
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
50
V
Breakdown Voltage Temperature
Coefficient
ΔBVDSS/ΔTJ
ID=250μA, Referenced to 25°C
72
mV/℃
VDS=50V, VGS=0V
0.5
Zero Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
0.1
µA
Gate–Body Leakage, Forward
IGSS
VDS=0V, VGS=±20V
±100
nA
ON CHARACTERISTICS
(Note)
Gate-Threshold Voltage
VGS(TH)
VDS=VGS, ID=1m A
0.8
1.3
1.5
V
Gate Threshold Voltage Temperature
Coefficient
ΔVGS(TH)/ΔTJ ID=1mA, Referenced to 25°C
-2
mV/°C
VGS=10 V, ID=0.22A
0.7
3.5
Static Drain–Source On–Resistance
RDS(ON)
VGS=4.5 V, ID=0.22A
1.0
6.0
On-State Drain Current
ID(ON)
VGS=10 V, VDS=5V
0.2
A
Forward Transconductance
gFS
VDS=10V, ID=0.22A
0.12
0.5
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
27
pF
Output Capacitance
COSS
13
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1MHz
6
pF
SWITCHING PARAMETERS
(Note)
Total Gate Charge
QG
1.7
2.4
nC
Gate Source Charge
QGS
0.1
nC
Gate Drain Charge
QGD
VDS=25V, VGS=10V, ID=0.22A
0.4
nC
Turn-ON Delay Time
tD(ON)
2.5
5
ns
Turn-ON Rise Time
tR
9
18
ns
Turn-OFF Delay Time
tD(OFF)
20
36
ns
Turn-OFF Fall-Time
tF
VDD=30V, ID=0.29A,VGS=10V,
RG=6Ω,
7
14
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS= 0V, IS=0.44A (Note)
0.8
1.4
V
Max. Diode Forward Current
IS
0.22
A
Notes: Pulse test; pulse width ≤ 300us, duty cycle≤ 2%


Similar Part No. - BSS138

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS138 ZETEX-BSS138 Datasheet
58Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
TECH PUBLIC Electronics...
BSS138 TECHPUBLIC-BSS138 Datasheet
1Mb / 5P
   N-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
BSS138 UTC-BSS138 Datasheet
160Kb / 3P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Micro Commercial Compon...
BSS138 MCC-BSS138 Datasheet
325Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Siemens Semiconductor G...
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results

Similar Description - BSS138

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
19N10 UTC-19N10_15 Datasheet
333Kb / 8P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB180N04S4L-01 INFINEON-IPB180N04S4L-01 Datasheet
218Kb / 9P
   N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-06-03
logo
Unisonic Technologies
80N08 UTC-80N08_15 Datasheet
204Kb / 4P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB160N04S4L-H1 INFINEON-IPB160N04S4L-H1 Datasheet
206Kb / 9P
   N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-05-27
logo
Unisonic Technologies
UF740 UTC-UF740_15 Datasheet
240Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UT60N03 UTC-UT60N03_15 Datasheet
247Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UTT30N10 UTC-UTT30N10_15 Datasheet
246Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
12N65 UTC-12N65_15 Datasheet
393Kb / 8P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
25N40 UTC-25N40_15 Datasheet
177Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
BSS138 UTC-BSS138_15 Datasheet
197Kb / 4P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
8N65K-MT UTC-8N65K-MT Datasheet
192Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com