Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT169GP-T92-K Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BT169GP-T92-K
Description  SCRS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BT169GP-T92-K Datasheet(HTML) 3 Page - Unisonic Technologies

  BT169GP-T92-K Datasheet HTML 1Page - Unisonic Technologies BT169GP-T92-K Datasheet HTML 2Page - Unisonic Technologies BT169GP-T92-K Datasheet HTML 3Page - Unisonic Technologies BT169GP-T92-K Datasheet HTML 4Page - Unisonic Technologies BT169GP-T92-K Datasheet HTML 5Page - Unisonic Technologies BT169GP-T92-K Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BT169
SCR
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R301-015,C
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TSET CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC CHARACTERISTICS
Ciritical Rate of Rise of Off-State
Voltage
dVD/dt
VDM=67% VDRM(MAX), TJ=125°C,
exponential waveform, RGK=1kΩ
500
800
V/
μs
Gate Controlled Turn-On Time
tgt
ITM=2A,VD=VDRM(MAX), IG=10mA,
dIG/dt=0.1A/
μs
2
μs
Circuit Commutated Turn-Off
Time
tq
VD=67% VDRM(MAX), TJ=125°C,
ITM=1.6A,VR=35V, dITM/dt=30A/μs,
VD/dt=2V/μs, RGK=1kΩ
100
μs


Similar Part No. - BT169GP-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BT169GP-T92-K UTC-BT169GP-T92-K Datasheet
345Kb / 6P
   SCRS
BT169GP-T92-K UTC-BT169GP-T92-K Datasheet
345Kb / 6P
   SCRS
More results

Similar Description - BT169GP-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
logo
HAOPIN MICROELECTRONICS...
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
   SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
   SCRs
C106D HAOPIN-C106D Datasheet
236Kb / 4P
   SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
   SCRs
logo
Teccor Electronics
S201E TECCOR-S201E Datasheet
222Kb / 12P
   SCRs
logo
Unisonic Technologies
US108S UTC-US108S_11 Datasheet
131Kb / 3P
   SCRS
logo
New Jersey Semi-Conduct...
2N4149 NJSEMI-2N4149 Datasheet
68Kb / 2P
   SCRs
logo
HAOPIN MICROELECTRONICS...
PCR406 HAOPIN-PCR406 Datasheet
110Kb / 4P
   SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com