Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL-5125-C290 Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # DL-5125-C290
Description  1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5125-C290 Datasheet(HTML) 3 Page - Optoway Technology Inc

  DL-5125-C290 Datasheet HTML 1Page - Optoway Technology Inc DL-5125-C290 Datasheet HTML 2Page - Optoway Technology Inc DL-5125-C290 Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Optoway
DL-5100-CXX0
********************************************************************************************************************************************************
********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2007 V2.0
ORDER INFORMATION
Part No.: D
L
− 5
1
C
0
Code
Cap Type
Code
Wavelegnth
Code
Wavelegnth
0
Flat Window
27
1270 nm
45
1450 nm
2
Aspherical Lens
29
1290 nm
47
1470 nm
4
2 mm Ball Lens
31
1310 nm
49
1490 nm
33
1330 nm
51
1510 nm
Code
Pin Assignment
35
1350 nm
53
1530 nm
0
Type A
37
1370 nm
55
1550 nm
5
Type B
39
1390 nm
57
1570 nm
8
Type C
41
1410 nm
59
1590 nm
43
1430 nm
61
1610 nm
Code
Speed
Blank
1.25 Gbps
S
2.5 Gbps
Revision History
Version
Subject
Release Date
1.0
Initial datasheet
2003/10/1
2.0
Combine 1.25G and 2.5G characteristics in one data sheet
2007/12/1


Similar Part No. - DL-5125-C290

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5125-C290 OPTOWAY-DL-5125-C290 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5125-C290 OPTOWAY-DL-5125-C290 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES 2.5 Gbps CWDM MQW-DFB LASER DIODES
More results

Similar Description - DL-5125-C290

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100S-CXX0 OPTOWAY-DL-5100S-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES 2.5 Gbps CWDM MQW-DFB LASER DIODES
DL-5100-1650 OPTOWAY-DL-5100-1650_07 Datasheet
113Kb / 3P
   1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1650 OPTOWAY-DL-5100-1650 Datasheet
106Kb / 2P
   1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1625 OPTOWAY-DL-5100-1625 Datasheet
106Kb / 2P
   1625 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1490 OPTOWAY-DL-5100-1490 Datasheet
103Kb / 2P
   1490 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1625 OPTOWAY-DL-5100-1625_07 Datasheet
113Kb / 3P
   1625 nm DFB LASER DIODES MQW-DFB LASER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com