Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL-3505S-FB Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # DL-3505S-FB
Description  1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-3505S-FB Datasheet(HTML) 3 Page - Optoway Technology Inc

  DL-3505S-FB Datasheet HTML 1Page - Optoway Technology Inc DL-3505S-FB Datasheet HTML 2Page - Optoway Technology Inc DL-3505S-FB Datasheet HTML 3Page - Optoway Technology Inc DL-3505S-FB Datasheet HTML 4Page - Optoway Technology Inc DL-3505S-FB Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Optoway
DL-3500
********************************************************************************************************************************************************
*******************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/15/2009 V3.0
Max.L
FC RECEPTACLE
(DL-35XXX-FX)
Max.L
FC RECEPTACLE (BOARD MOUNT)
(DL-35XXX-FBX)
Max.L
ST RECEPTACLE
(DL-35XXX-TX)
Max. L Dimension
P//N
S
SB
F
FB
T
350XX-X
351XX-X
352XX-X
3.6
3
1.2
3.9
2.7
350XX-XS
351XX-XS
352XX-XS
7
6.4
4.6
7.3
6.1
353XX-XS
8.6
8.0
6.2
8.9
7.7
354XX-XS
10.6
10.0
8.2
10.9
9.7
Note: Specifications subject to change without notice.


Similar Part No. - DL-3505S-FB

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-3505S-FB OPTOWAY-DL-3505S-FB Datasheet
133Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-3505S-FBS OPTOWAY-DL-3505S-FBS Datasheet
133Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
More results

Similar Description - DL-3505S-FB

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-3500 OPTOWAY-DL-3500 Datasheet
133Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-3540 OPTOWAY-DL-3540 Datasheet
117Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-3340 OPTOWAY-DL-3340 Datasheet
94Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3300 OPTOWAY-DL-3300_09 Datasheet
81Kb / 4P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3300 OPTOWAY-DL-3300 Datasheet
101Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5500-1625 OPTOWAY-DL-5500-1625 Datasheet
111Kb / 2P
   1625 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5540 OPTOWAY-DL-5540 Datasheet
117Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5500 OPTOWAY-DL-5500_09 Datasheet
94Kb / 5P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5500-1490 OPTOWAY-DL-5500-1490 Datasheet
111Kb / 2P
   1490 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-5500 OPTOWAY-DL-5500 Datasheet
133Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com