Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1183BG-XX-AG6-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L1183BG-XX-AG6-R
Description  300mA CMOS LDO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1183BG-XX-AG6-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L1183BG-XX-AG6-R Datasheet HTML 1Page - Unisonic Technologies L1183BG-XX-AG6-R Datasheet HTML 2Page - Unisonic Technologies L1183BG-XX-AG6-R Datasheet HTML 3Page - Unisonic Technologies L1183BG-XX-AG6-R Datasheet HTML 4Page - Unisonic Technologies L1183BG-XX-AG6-R Datasheet HTML 5Page - Unisonic Technologies L1183BG-XX-AG6-R Datasheet HTML 6Page - Unisonic Technologies L1183BG-XX-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
L1183B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-422.a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Shutdown Supply Current
ISD
VIN=5V, VO=0V, VEN<VEL
0.5
1
μA
Shutdown Output Voltage
VOUT,SD
IO=35μA,VEN<VEL
0
0.1
V
Output Under Voltage
VUV
85 %VO(NOM)
Output Over Voltage
VOV
115
%VO(NOM)
PG Leakage Current
ILC
VPG=7V
1
μA
PG Voltage Rating
VPG
VO in regulation
7
V
PG Voltage Low
VOL
ISINK=0.4mA
0.4
V


Similar Part No. - L1183BG-XX-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1183BG-XX-AG6-R UTC-L1183BG-XX-AG6-R Datasheet
191Kb / 7P
   300mA CMOS LDO
More results

Similar Description - L1183BG-XX-AG6-R

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com