Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFB38N100Q2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFB38N100Q2
Description  HiPerFET Power MOSFET Q2-Class
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFB38N100Q2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFB38N100Q2_08 Datasheet HTML 1Page - IXYS Corporation IXFB38N100Q2_08 Datasheet HTML 2Page - IXYS Corporation IXFB38N100Q2_08 Datasheet HTML 3Page - IXYS Corporation IXFB38N100Q2_08 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFB38N100Q2
IXYS REF: F_38N100Q2(95) 5-27-08-B
Fig. 11. Capacitance
100
1000
10000
100000
0
5
10
15
20
25
30
35
40
VDS - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
2
4
6
8
10
050
100
150
200
250
Q G - nanoCoulombs
VDS = 500V
I D= 19A
I G= 10mA
Fig. 7. Input Admittance
0
5
10
15
20
25
30
35
40
45
50
55
60
3.03.5
4.04.5
5.05.5
6.0
VGS - Volts
TJ = 125ºC
25
ºC
- 40
ºC
Fig. 12. Maximum Transient Thermal
Impedance
0.001
0.010
0.100
1.000
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 8. Transconductance
0
10
20
30
40
50
60
70
80
0
1020304050
6070
I D - Amperes
TJ = - 40ºC
25
ºC
125
ºC
Fig. 9. Source Current vs. Source-To-
Drain Voltage
0
10
20
30
40
50
60
70
80
90
0.2
0.4
0.6
0.8
1.0
1.2
VSD - Volts
TJ = 125ºC
TJ = 25ºC


Similar Part No. - IXFB38N100Q2_08

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFB38N100Q2 IXYS-IXFB38N100Q2 Datasheet
126Kb / 4P
   HiPerFET TM Power MOSFETs
More results

Similar Description - IXFB38N100Q2_08

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFL70N60Q2 IXYS-IXFL70N60Q2 Datasheet
141Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFR14N100Q2 IXYS-IXFR14N100Q2 Datasheet
118Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFN70N60Q2 IXYS-IXFN70N60Q2 Datasheet
116Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFR38N80Q2 IXYS-IXFR38N80Q2_08 Datasheet
112Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFR40N50Q2 IXYS-IXFR40N50Q2_08 Datasheet
123Kb / 5P
   HiPerFET Power MOSFET Q2-Class
IXFR66N50Q2 IXYS-IXFR66N50Q2 Datasheet
118Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFK40N50Q2 IXYS-IXFK40N50Q2 Datasheet
180Kb / 5P
   HiPerFET Power MOSFET Q2-Class
IXFL38N100Q2 IXYS-IXFL38N100Q2 Datasheet
140Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFN66N50Q2 IXYS-IXFN66N50Q2 Datasheet
127Kb / 5P
   HiPerFET Power MOSFET Q2-Class
IXFN80N50Q2 IXYS-IXFN80N50Q2 Datasheet
118Kb / 4P
   HiPerFET Power MOSFET Q2-Class
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com