Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-9710LVWG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # SPB-9710LVWG
Description  1550 nm TX / 1310 nm RX / 3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9710LVWG Datasheet(HTML) 3 Page - Optoway Technology Inc

  SPB-9710LVWG Datasheet HTML 1Page - Optoway Technology Inc SPB-9710LVWG Datasheet HTML 2Page - Optoway Technology Inc SPB-9710LVWG Datasheet HTML 3Page - Optoway Technology Inc SPB-9710LVWG Datasheet HTML 4Page - Optoway Technology Inc SPB-9710LVWG Datasheet HTML 5Page - Optoway Technology Inc SPB-9710LVWG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Optoway
SPB-9710LVWG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
8/1/2009 V1.0
3
CML Output (Differential)
550
660
850
mVp-p
AC coupled output
135
ps
4, SMPTE 424M
270
ps
4, SMPTE 292M
800
ps
4, SMPTE 344M
Optical Rise Time / Fall Time
tr / tf
1.5
ns
4, SMPTE 259M
Output LOS Voltage -- Low
VOL
0
0.5
V
IOL=-1.6mA, 1 TTL unit load
Output LOS Voltage -- High
VOH
2.5
Vcc+0.3
V
IOH=40
µA, 1 TTL unit load
VOH
2.5
Vcc+0.3
V
SCL, SDA
VOL
0
0.5
V
3. At least 30 dB optical isolation for the wavelength 1480 to 1580 nm.
4. 20% to 80%, unfiltered.
MODULE DEFINITION
Module Definition
PIN 5
PIN 6
Interpretation by Host
4
SCL
SDA
Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, SCL and SDA appear as no connector
(NC). When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E
2PROM
protocol of the ATMEL AT24C01A/02/04 family of components.


Similar Part No. - SPB-9710LVWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9710LVWG OPTOWAY-SPB-9710LVWG Datasheet
173Kb / 6P
   1310 nm TX / 1550 nm RX / 3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPB-9710LVWG OPTOWAY-SPB-9710LVWG Datasheet
166Kb / 6P
   3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPB-9710LVWG OPTOWAY-SPB-9710LVWG Datasheet
162Kb / 6P
   3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPB-9710LVWG OPTOWAY-SPB-9710LVWG_15 Datasheet
162Kb / 6P
   3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPB-9710LVWG_2015 OPTOWAY-SPB-9710LVWG_2015 Datasheet
162Kb / 6P
   3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
More results

Similar Description - SPB-9710LVWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9110LVW-T5R3G OPTOWAY-SPB-9110LVW-T5R3G Datasheet
147Kb / 6P
   1550 nm TX / 1310 nm RX / 3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPB-9110LVW-T3R5G OPTOWAY-SPB-9110LVW-T3R5G Datasheet
148Kb / 6P
   1310 nm TX / 1550 nm RX / 3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPB-9610LVWG OPTOWAY-SPB-9610LVWG Datasheet
173Kb / 6P
   1310 nm TX / 1550 nm RX / 3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPB-9110LV-T3R5G OPTOWAY-SPB-9110LV-T3R5G Datasheet
148Kb / 6P
   1310 nm TX / 1550 nm RX / 3 Gb/s Medium Power 1-Fibre SM Video SFP Transceiver
SPB-9110LV-T5R3G OPTOWAY-SPB-9110LV-T5R3G Datasheet
146Kb / 6P
   1550 nm TX / 1310 nm RX / 3 Gb/s Medium Power 1-Fibre SM Video SFP Transceiver
SPB-9610LVG OPTOWAY-SPB-9610LVG Datasheet
173Kb / 6P
   1310 nm TX / 1550 nm RX / 3 Gb/s Medium Power 1-Fibre SM Video SFP Transceiver
SPB-9710LVG OPTOWAY-SPB-9710LVG Datasheet
171Kb / 6P
   1550 nm TX / 1310 nm RX / 3 Gb/s Medium Power 1-Fibre SM Video SFP Transceiver
SPS-7110VWG OPTOWAY-SPS-7110VWG Datasheet
173Kb / 6P
   1310 nm / 1.5 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPB-9110VW-T3T5G OPTOWAY-SPB-9110VW-T3T5G Datasheet
116Kb / 5P
   1310 nm TX / 1550 nm TX / 3 Gb/s Medium Power 1-Fibre BIDI SM Digital Diagnostic Dual Transmitter
SPB-9110VW-R3R5G OPTOWAY-SPB-9110VW-R3R5G Datasheet
139Kb / 5P
   1310 nm RX / 1550 nm RX / 3 Gb/s Medium Power 1-Fibre BIDI SMDigital Diagnostic Dual Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com