Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADR-008888-0002TB Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MADR-008888-0002TB
Description  HMICTM PIN Diode SP2T 20 Watt Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADR-008888-0002TB Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MADR-008888-0002TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-008888-0002TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-008888-0002TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-008888-0002TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADR-008888-0002TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADR-008888-0002TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADR-008888-0002TB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MADR-008888-0002TB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HMICTM PIN Diode SP2T 20 Watt Switch for
0.05 - 6.0 GHz Higher Power Applications
Rev. V4
MASW-000825-12770T
6
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Small Signal Performance over Temperature Characteristic Impedance,
Z0 = 50 Ω
0.0
25.0
50.0
75.0
100.0
125.0
150.0
175.0
200.0
30.0
32.0
34.0
36.0
38.0
40.0
42.0
44.0
MASW-000825-1277OT, TX to Antenna
TX Diode Tj Vs. Bias Current
Bias: TX= +5V @ 20mA and 30mA, RX = +25V @ 0mA, Fo = 2010 MHz
PCB Temperature is +25
ºC
20mA
35mA
Pin (dBm)
40.0
40.5
41.0
41.5
42.0
42.5
43.0
43.5
44.0
25.0
35.0
45.0
55.0
65.0
75.0
85.0
MASW-000825-1277OT, TX to Antenna
Maximum Pin Vs. PCB/Heatsink Temperature Vs. Bias Current
Bias: +5V @ 20mA and 30mA, RX = +25V @ 0mA, Fo = 2010 MHz
20mA
35mA
PCB/Heatsink Temperature (ºC)
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
MASW-000825-1277OT, RX Insertion Loss Vs. Temperature
Bias:+5V @ 35mA
+25ºC
-40ºC
+85ºC
Frequency (GHz)
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
MASW-000825-1277OT, TX Insertion Loss Vs. Temperature
Bias:+5V @ 35mA
+25ºC
-40ºC
+85ºC
Frequency (GHz)


Similar Part No. - MADR-008888-0002TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-008888-0002TB MA-COM-MADR-008888-0002TB Datasheet
139Kb / 5P
   PIN Diode Driver for Series / Series High Power Switch
More results

Similar Description - MADR-008888-0002TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
218Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch
MASW-000822-12770T_V6 MA-COM-MASW-000822-12770T_V6 Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000822-12770T MA-COM-MASW-000822-12770T Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000825-12770T MA-COM-MASW-000825-12770T_15 Datasheet
218Kb / 8P
   HMIC PIN Diode SP2T 20 Watt Switch
MASW-000823-12770T MA-COM-MASW-000823-12770T Datasheet
138Kb / 6P
   HMICTM PIN Diode SP2T 13 Watt Switch for TD-SCDMA Applications
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
209Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000834_13560T_V8 MA-COM-MASW-000834_13560T_V8 Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
MASW-000932-V1-APR11 MA-COM-MASW-000932-V1-APR11 Datasheet
132Kb / 6P
   HMICTM PIN Diode SPDT 80 Watt Switch
logo
Tyco Electronics
MASW-000822-12770T MACOM-MASW-000822-12770T Datasheet
215Kb / 10P
   HMICTM PIN Diode SP2T 8 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com