Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-9310VW-CXXCYYG Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # SPS-9310VW-CXXCYYG
Description  CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9310VW-CXXCYYG Datasheet(HTML) 4 Page - Optoway Technology Inc

  SPS-9310VW-CXXCYYG Datasheet HTML 1Page - Optoway Technology Inc SPS-9310VW-CXXCYYG Datasheet HTML 2Page - Optoway Technology Inc SPS-9310VW-CXXCYYG Datasheet HTML 3Page - Optoway Technology Inc SPS-9310VW-CXXCYYG Datasheet HTML 4Page - Optoway Technology Inc SPS-9310VW-CXXCYYG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
SPS-9310VW-CXXCYYG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
8/1/2009 V2.0
4
RECOMMENDED CIRCUIT SCHEMATIC
100nF
Vee
100
Ω Differential
100
Ω Differential
TX1 -
TX1 +
Vcc_TX1
Vcc_TX2
TX2 +
TX2 -
TX2_DIS
TX1_DIS
20
18
19
16
15
8
9
17
VCC 3.3V
10
NC
TX2_DIS
TX1_DIS
SCL
SDA
10K
5
6
NC
NC
NC
Vee
Vee
Vee
Vee
Vee
14
2
4
1
12
3
11
7
13
10uF
1uH
100nF
10uF
1uH
100nF
10uF
10K
TD +
TD -
Re-Clocker
I2C DATA
I2C CLK
TD -
TD +
Re-Clocker
VCC 3.3V
1. Consult the Chipset manufacturer’s applications information for biasing required for TX outputs. Some chipset outputs
are internally biased and may not need external bias resistor.
PACKAGE DIAGRAM (Units in mm)
Note: Specifications subject to change without notice.


Similar Part No. - SPS-9310VW-CXXCYYG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9310VW-CXXCYYG OPTOWAY-SPS-9310VW-CXXCYYG_15 Datasheet
115Kb / 5P
   3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9310VW-CXXCYYG_2015 OPTOWAY-SPS-9310VW-CXXCYYG_2015 Datasheet
115Kb / 5P
   3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
More results

Similar Description - SPS-9310VW-CXXCYYG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9350VW-CXXCYYG OPTOWAY-SPS-9350VW-CXXCYYG Datasheet
120Kb / 5P
   CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9330VW-CXXCYYG OPTOWAY-SPS-9330VW-CXXCYYG Datasheet
120Kb / 5P
   CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9380VW-CXXCYYG OPTOWAY-SPS-9380VW-CXXCYYG Datasheet
120Kb / 5P
   CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9380VW-CXXCYYG OPTOWAY-SPS-9380VW-CXXCYYG_15 Datasheet
120Kb / 5P
   3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9380VW-CXXCYYG_2015 OPTOWAY-SPS-9380VW-CXXCYYG_2015 Datasheet
120Kb / 5P
   3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
SPS-9130VW-1T1RG OPTOWAY-SPS-9130VW-1T1RG Datasheet
151Kb / 6P
   1310 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-93120VW-1TG OPTOWAY-SPS-93120VW-1TG Datasheet
143Kb / 5P
   1550 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9110VW-1TG OPTOWAY-SPS-9110VW-1TG Datasheet
142Kb / 5P
   1310 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9350VW-1T1RG OPTOWAY-SPS-9350VW-1T1RG Datasheet
151Kb / 6P
   1550 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-9350VW-1TG OPTOWAY-SPS-9350VW-1TG Datasheet
142Kb / 5P
   1550 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com